Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK14CA8-NF45 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # STK14CA8-NF45
Description  128Kx8 AutoStore nvSRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK14CA8-NF45 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button STK14CA8-NF45 Datasheet HTML 5Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 6Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 7Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 8Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 9Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 10Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 11Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 12Page - Cypress Semiconductor STK14CA8-NF45 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
STK14CA8
Document Number: 001-51592 Rev. **
Page 9 of 16
Hardware STORE Cycle
Figure 13. Hardware STORE Cycle
Soft Sequence Commands
Figure 14. Software Sequence Commands
NO.
Symbols
Parameter
STK14CA8
Units
Notes
Standard
Alternate
Min
Max
31
tDELAY
tHLQZ
Hardware STORE to SRAM Disabled
1
70
μs
14
32
tHLHX
Hardware STORE Pulse Width
15
ns
32
23
31
NO.
Symbols
Parameter
STK14CA8
Units
Notes
Standard
Min
Max
33
tSS
Soft Sequence Processing Time
70
μs15, 16
33
33
Notes
14. On a hardware STORE initiation, SRAM operation continues to be enabled for time tDELAY to allow read/write cycles to complete.
15. This is the amount of time that it takes to take action on a soft sequence command. Vcc power must remain high to effectively register command.
16. Commands such as Store and Recall lock out I/O until operation is complete which further increases this time. See specific command.
[+] Feedback


Similar Part No. - STK14CA8-NF45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14CA8-NF45 ETC-STK14CA8-NF45 Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-NF45 SIMTEK-STK14CA8-NF45 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8-NF45 SIMTEK-STK14CA8-NF45 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14CA8-NF45I ETC-STK14CA8-NF45I Datasheet
220Kb / 15P
   128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8-NF45I SIMTEK-STK14CA8-NF45I Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
More results

Similar Description - STK14CA8-NF45

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
   128Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com