Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3946 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3946
Description  Microprocessor Supervisor with Watchdog Timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3946 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3946 Datasheet HTML 1Page - Texas Instruments UCC3946 Datasheet HTML 2Page - Texas Instruments UCC3946 Datasheet HTML 3Page - Texas Instruments UCC3946 Datasheet HTML 4Page - Texas Instruments UCC3946 Datasheet HTML 5Page - Texas Instruments UCC3946 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
UCC1946
UCC2946
UCC3946
Figure 5. Reset circuit timings.
t1: VDD > 1V, RES is guaranteed low.
t2: VDD > programmed threshold, RES remains low for
TRP.
t3: TRP expires, RES pulls high.
t4: Voltage glitch occurs, but is filtered at the RTH pin,
RES remains high.
t5: Voltage glitch occurs whose magnitude and duration
is greater than the RTH filter, RES is asserted for TRP.
t6: On completion of the TRP pulse the RTH voltage has
returned and RES is pulled high.
t7: VDD dips below threshold (minus hysteresis), RES
is asserted.
UDG-97067
Connecting WDO to RES
In order to provide design flexibility, the reset and watch-
dog circuits in the UCC3946 have separate outputs. Each
output will independently drive high or low, depending on
circuit conditions explained previously.
In some applications, it may be desirable for either the
RES or WDO to reset the microprocessor. This can be
done by connecting WDO to RES. If the pins try to drive
to different output levels, the low output level will domi-
nate. Additional current will flow from VDD to GND during
these states. If the application cannot support additional
current (during fault conditions), RES and WDO can be
connected to the inputs of an OR gate whose output is
connected to the microprocessor’s reset pin.
Layout Considerations
A 0.1
µF capacitor connected from VDD to GND is recom-
mended to decouple the UCC3946 from switching tran-
sients on the VDD supply rail.
Since RP and WP are precision current sources, capaci-
tors CRP and CWP should be connected to these pins
with minimal trace length to reduce board capacitance.
Care should be taken to route any traces with high volt-
age potential or high speed digital signals away from
these capacitors.
Resistors R1 and R2 generally have a high ohmic value,
traces associated with these parts should be kept short
in order to prevent any transient producing signals from
coupling into the high impedance RTH pin.
APPLICATION INFORMATION (cont.)


Similar Part No. - UCC3946

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3946D TI1-UCC3946D Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DG4 TI1-UCC3946DG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DTR TI1-UCC3946DTR Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC3946N TI1-UCC3946N Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
More results

Similar Description - UCC3946

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3946DTRG4 TI1-UCC3946DTRG4 Datasheet
664Kb / 17P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
UCC2946-Q1 TI1-UCC2946-Q1 Datasheet
231Kb / 13P
[Old version datasheet]   MICROPROCESSOR SUPERVISOR WITH WATCHDOG TIMER
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
R5101G RICOH-R5101G Datasheet
330Kb / 17P
   Microprocessor power management with Watchdog Timer
logo
Texas Instruments
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
logo
Maxim Integrated Produc...
MAX16152 MAXIM-MAX16152 Datasheet
405Kb / 20P
   nanoPower Supervisor and Watchdog Timer
Rev 0; 4/2019
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Texas Instruments
TPS3850 TI1-TPS3850_16 Datasheet
1Mb / 44P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3852-Q1 TI1-TPS3852-Q1 Datasheet
503Kb / 28P
[Old version datasheet]   High-Accuracy Voltage Supervisor with Integrated Watchdog Timer
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com