Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4278CDKDPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4278CDKDPBF
Description  IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4278CDKDPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4278CDKDPBF Datasheet HTML 1Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 2Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 3Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 4Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 5Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 6Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 7Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 8Page - Linear Technology LTC4278CDKDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LTC4278
4
4278f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM Controller (Note 10)
Power Supply
VCC Operating Range
4.5
20
V
VCC Supply Current (ICC)
VCMP = Open (Note 11)
4
6.4
10
mA
VCC Shutdown Current
VCMP = Open, VUVLO = 0V
50
150
μA
Feedback Amplifier
Feedback Regulation Voltage (VFB)
1.220
1.237
1.251
V
Feedback Pin Input Bias Current
RCMP Open
200
nA
Feedback Amplifier Transconductance
ΔIC = ±10μA
700
1000
1400
μmho
Feedback Amplifier Source or Sink Current
25
55
90
μA
Feedback Amplifier Clamp Voltage
VFB = 0.9V
VFB = 1.4V
2.56
0.84
V
V
Reference Voltage Line Regulation
12V ≤ VCC ≤ 18V
0.005
0.05
%/ V
Feedback Amplifier Voltage Gain
VCMP = 1.2V to 1.7V
1400
V/ V
Soft-Start Charging Current
VSFST = 1.5V
16
20
25
μA
Soft-Start Discharge Current
VSFST = 1.5V, VUVLO = 0V
0.7
1.3
mA
Control Pin Threshold (VCMP)
Duty Cycle = Min
1
V
Gate Outputs
PG, SG Output High Level
6.6
7.4
8
V
PG, SG Output Low Level
0.01
0.05
V
PG, SG Output Shutdown Strength
VUVLO = 0V; IPG, ISG = 20mA
1.6
2.3
V
PG Rise Time
CPG = 1nF
11
ns
SG Rise Time
CSG = 1nF
15
ns
PG, SG Fall Time
CPG, CSG = 1nF
10
ns
Current Amplifier
Switch Current Limit at Maximum VCMP
VSENSE+
88
98
110
mV
ΔVSENSE /ΔVCMP
0.07
V/ V
Sense Voltage Overcurrent Fault Voltage
VSENSE+, VSFST < 1V
206
230
mV
Timing
Switching Frequency (fOSC)COSC = 100pF
84
100
110
kHz
Oscillator Capacitor Value (COSC)
(Note 12)
33
200
pF
Minimum Switch On Time (tON(MIN))
200
ns
Flyback Enable Delay Time (tENDLY)
265
ns
PG Turn-On Delay Time (tPGDLY)
200
ns
Maximum Switch Duty Cycle
85
88
%
SYNC Pin Threshold
1.53
2.1
V
SYNC Pin Input Resistance
40


Similar Part No. - LTC4278CDKDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
logo
Analog Devices
LTC4278 AD-LTC4278 Datasheet
2Mb / 30P
   8/16-Port IEEE 802.3at PoE PSE Controller with Power Management and LED Control
Rev. 0
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
671Kb / 28P
   Single PoE PSE Controller High Capacitance Legacy Device Detection
logo
Analog Devices
LTC4278 AD-LTC4278 Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
logo
Linear Technology
LTC4278 LINER-LTC4278 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
More results

Similar Description - LTC4278CDKDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4278 LINER-LTC4278_15 Datasheet
509Kb / 42P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller and 12V Aux Support
LTC4269-1 LINER-LTC4269-1 Datasheet
391Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-1 LINER-LTC4269-1_15 Datasheet
383Kb / 44P
   IEEE 802.3at PD with Synchronous No-Opto Flyback Controller
LTC4269-2 LINER-LTC4269-2 Datasheet
389Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
LTC4269-2 LINER-LTC4269-2_15 Datasheet
393Kb / 34P
   IEEE 802.3at High Power PD and Synchronous Forward Controller with AUX Support
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
TPS23758 TI1-TPS23758 Datasheet
185Kb / 9P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
TPS23758 TI1-TPS23758_19 Datasheet
2Mb / 47P
[Old version datasheet]   IEEE 802.3at PoE PD with No-Opto Sync Flyback DC-DC Controller
logo
Linear Technology
LTC4268-1 LINER-LTC4268-1_15 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
LTC4268-1 LINER-LTC4268-1_12 Datasheet
424Kb / 46P
   High Power PD With Synchronous No-Opto Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com