Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6412CUFPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6412CUFPBF
Description  800MHz, 31dB Range Analog-Controlled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412CUFPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6412CUFPBF Datasheet HTML 7Page - Linear Technology LTC6412CUFPBF Datasheet HTML 8Page - Linear Technology LTC6412CUFPBF Datasheet HTML 9Page - Linear Technology LTC6412CUFPBF Datasheet HTML 10Page - Linear Technology LTC6412CUFPBF Datasheet HTML 11Page - Linear Technology LTC6412CUFPBF Datasheet HTML 12Page - Linear Technology LTC6412CUFPBF Datasheet HTML 13Page - Linear Technology LTC6412CUFPBF Datasheet HTML 14Page - Linear Technology LTC6412CUFPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6412
11
6412f
6dB Gain Control Step
70MHz Time Domain Response
10dB Gain Control Step
70MHz Time Domain Response
20dB Gain Control Step
70MHz Time Domain Response
TYPICAL PERFORMANCE CHARACTERISTICS
Electrical Performance in Test Circuits A and B at TA = 25°C and VCC = 3.3V unless otherwise noted.
SHDN Step at GMAX with EN = 0V
70MHz Time Domain Response
SHDN Step at G = 3dB with EN = 0V
70MHz Time Domain Response
Overdrive Compression at GMAX
70MHz Time Domain Response
Overdrive Recovery at GMAX
70MHz Time Domain Response
Output EN Step at GMAX
140MHz Time Domain Response
SHDN Supply Current
Time Domain Response
TIME (ns)
0
0.4
0.6
0.8
400
6412 G34
0.2
0
–0.6
–0.4
100
200
300
50
150
250
350
–0.2
1.2
1.0
EXTERNAL
RF SWITCH PULSE
SMALL SIGNAL
15dB COMPRESSED
RFOUT INTO 50Ω,
10dB ATTENUATED
PEAK
RFOUT = 14dBm
TIME (ns)
0
2.5
EN
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
160
6412 G35
40
80
120
200
140
20
60
100
180
RFOUT
50Ω
PEAK RFOUT = 10dBm
TIME (ms)
0
4.0
6412 G36
80
40
100
60
120
20
0
2.0
0
3.0
1.0
1.0
0.5
2.0
1.5
3.0 3.5
4.5
2.5
5.0
012345
TIME (μs)
6412 G29
RFOUT
50Ω
PEAK
RFOUT = 4dBm
–VG (0.5V/DIV)
020
20dB
10dB
0dB
PEAK GAIN
COMPRESSION
40
60
80
100
TIME (μs)
6412 G33
RFOUT 50Ω
PEAK RFOUT = 14dBm
0
100
200
300
400
500
TIME (μs)
6412 G31
RFOUT
50Ω
PEAK RFOUT = 4dBm
SHDN (1V/DIV)
0
100
200
300
400
500
TIME (μs)
6412 G32
RFOUT
50Ω
PEAK RFOUT = 4dBm
SHDN (1V/DIV)
012345
TIME (μs)
6412 G28
RFOUT
50Ω
PEAK
RFOUT = 4dBm
–VG (0.25V/DIV)
012345
TIME (μs)
6412 G30
RFOUT
50Ω
PEAK
RFOUT = 4dBm
–VG (0.5V/DIV)


Similar Part No. - LTC6412CUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
3Mb / 28P
   16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTC6412 LINER-LTC6412 Datasheet
1,020Kb / 36P
   12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6412 LINER-LTC6412 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
More results

Similar Description - LTC6412CUFPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
   800MHz, 31dB Range Analog-Controlled VGA
logo
Analog Devices
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
   Wide Dynamic Range, High Speed Digitally Controlled VGA
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
   50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
logo
Linear Technology
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
   RF Frequency Range: 800MHz to 2.7GHz
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
   50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
logo
List of Unclassifed Man...
EMCORE-T6032 ETC2-EMCORE-T6032 Datasheet
94Kb / 1P
   Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
logo
Maxim Integrated Produc...
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
   Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
logo
Analog Devices
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
   VGA with Gain Control Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com