Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4619 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4619
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4619 Datasheet HTML 2Page - Linear Technology LTM4619 Datasheet HTML 3Page - Linear Technology LTM4619 Datasheet HTML 4Page - Linear Technology LTM4619 Datasheet HTML 5Page - Linear Technology LTM4619 Datasheet HTML 6Page - Linear Technology LTM4619 Datasheet HTML 7Page - Linear Technology LTM4619 Datasheet HTML 8Page - Linear Technology LTM4619 Datasheet HTML 9Page - Linear Technology LTM4619 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM4619
6
4619f
PIN FUNCTIONS
VIN (J1 to J3, J10 to J12, K1 to K4, K9 to K12, L1 to L5,
L8 to L12, M1 to M12): Power Input Pins. Apply input
voltage between these pins and PGND pins. Recommend
placing input decoupling capacitance directly between VIN
pins and PGND pins. For VIN < 5.5, tie VIN and INTVCC
together.
VOUT1, VOUT2 (A10 to D10, A11 to D11, A12 to D12, A1 to
D1, A2 to D2, A3 to D3): Power Output Pins. Apply output
load between these pins and PGND pins. Recommend
placing output decoupling capacitance directly between
these pins and PGND pins.
PGND (H1, H2, H4, H9, H11, H12, G1 to G12, F1 to
F5, F7 to F12, E1 to E12, D4 to D9, C4 to C9, B4 to B9,
A4 to A9): Power ground pins for both input and output
returns.
INTVCC (F6): Internal 5V Regulator Output. This pin is for
additional decoupling of the 5V internal regulator.
EXTVCC (J4): External Power Input to Controller. When
EXTVCC is higher than 4.7V, the internal 5V regulator is
disabled and external power supplies current to reduce
the power dissipation in the module. This will improve the
efficiency more at high input voltages.
SGND (J6, J7, H6, H7): Signal Ground Pin. Return ground
path for all analog and low power circuitry. Tie a single
connection to PGND in the application.
MODE/PLLIN (H8): Mode selection or external synchroniza-
tion pin. Tying this pin high enables pulse-skipping mode.
Tying this pin low enables force continuous operation.
Floating this pin enables Burst Mode operation. A clock
on the pin will force the controller into continuous mode
of operation and synchronize the internal oscillator. The
external clock input high threshold is 1.6V, while the input
low threshold is 1V.
FREQ/PLLFLTR (J8): Frequency Selection Pin. An internal
lowpass filter is tied to this pin. The frequency can be se-
lected from 250kHz to 780kHz by varying the DC voltage
on this pin from 0V to 2.4V. Leave this pin floating when
external synchronization is used.
TK/SS1, TK/SS2 (K8, K5): Output Voltage Tracking and
Soft-Start Pins. Internal soft-start currents of 1.3μA charge
the soft-start capacitors. See the Applications Information
section to use the tracking function.
VFB1, VFB2 (K7, K6): The negative input of the error
amplifier. Internally, this pin is connected to VOUT with
a 60.4k precision resistor. Different output voltages can
be programmed with an additional resistor between VFB
and SGND pins. See the Applications Information section
for details.
COMP1, COMP2 (L7, L6): Current Control Threshold and
Error Amplifier Compensation Point. The module has been
internally compensated for most I/O ranges.
PGOOD (H5): Output Voltage Power Good Indicator. Open
drain logic output that is pulled to ground when the output
voltage is not within ±7.5% of the regulation point.
RUN1, RUN2 (J9, J5): Run Control Pins. 0.5μA pull-up
currents on these pins turn on the module if these pins
are floating. Forcing either of these pins below 1.2V will
shut down the corresponding outputs. An additional 4.5μA
pull-up current is added to this pin, once the RUN pin rises
above 1.2V. Also, active control or pull-up resistors can
be used to enable the RUN pin. The maximum voltage is
6V on these pins.
SW1, SW2 (H10, H3): Switching Test Pins. These pins are
provided externally to check the operation frequency.


Similar Part No. - LTM4619

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4619 LINER-LTM4619 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4619 LINEAR_DIMENSIONS-LTM4619 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
   Dual, 26VIN, 4A DC/DC Module Regulator
More results

Similar Description - LTM4619

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
   Dual, 26VIN, 4A DC/DC Module Regulator
LTM4614 LINER-LTM4614 Datasheet
352Kb / 20P
   Dual 4A per Channel Low VIN DC/DC 關Module Regulator
LTM4642IY LINER-LTM4642IY Datasheet
1Mb / 14P
   20VIN, DUAL 4A or SINGLE 8A DC/DC 關MODULE REGULATOR
LTM4642 LINER-LTM4642 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM8027 LINER-LTM8027 Datasheet
251Kb / 20P
   60V, 4A DC/DC Module Regulator
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
   60V, 4A DC/DC Module Regulator
LTM4622A LINER-LTM4622A Datasheet
863Kb / 30P
   Dual Ultrathin 2A or Single 4A Step-Down DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com