Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4615EV Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4615EV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615EV Datasheet(HTML) 5 Page - Linear Technology

  LTM4615EV Datasheet HTML 1Page - Linear Technology LTM4615EV Datasheet HTML 2Page - Linear Technology LTM4615EV Datasheet HTML 3Page - Linear Technology LTM4615EV Datasheet HTML 4Page - Linear Technology LTM4615EV Datasheet HTML 5Page - Linear Technology LTM4615EV Datasheet HTML 6Page - Linear Technology LTM4615EV Datasheet HTML 7Page - Linear Technology LTM4615EV Datasheet HTML 8Page - Linear Technology LTM4615EV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM4615
5
4615f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
VIN = 2.5V
Efficiency vs Output Current
VIN = 3.3V
Efficiency vs Output Current
VIN = 5V
Minimum Input Voltage
at 4A Load
Load Transient Response
OUTPUT CURRENT (A)
0
85
90
100
3
4615 G01
80
75
12
4
70
65
95
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
OUTPUT CURRENT (A)
0
85
90
100
3
4615 G02
80
75
12
4
70
65
95
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
OUTPUT CURRENT (A)
0
65
70
75
80
85
90
95
12
3
4
4615 G03
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
VIN (V)
0
0
0.5
1.5
2.0
2.5
3.5
0.5
2.5
3.5
4615 G04
1.0
3.0
2
4.5
5.5
5
1 1.5
34
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.5V
VOUT = 1.2V
VOUT = 0.8V
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 1.2V
COUT = 100μF, 6.3V CERAMICS
20μs/DIV
4615 G05
Load Transient Response
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 1.5V
COUT = 100μF, 6.3V CERAMICS
20μs/DIV
4615 G06
Load Transient Response
Load Transient Response
Load Transient Response
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 1.8V
COUT = 100μF, 6.3V CERAMICS
20μs/DIV
4615 G07
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 2.5V
COUT = 100μF, 6.3V CERAMICS
20μs/DIV
4615 G08
ILOAD
2A/DIV
VOUT
20mV/DIV
VIN = 5V
VOUT = 3.3V
COUT = 100μF, 6.3V CERAMICS
20μs/DIV
4615 G09
Switching Regulators


Similar Part No. - LTM4615EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
704Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
LTM4615 LINER-LTM4615 Datasheet
2Mb / 36P
   Dual 13A or Single 26A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4615 LINEAR_DIMENSIONS-LTM4615 Datasheet
707Kb / 36P
   Dual 8A or Single 16A DC/DC 關Module Regulator
logo
Linear Technology
LTM4615 LINER-LTM4615 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4615 LINER-LTM4615 Datasheet
1Mb / 32P
   20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
More results

Similar Description - LTM4615EV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4615 LINER-LTM4615_15 Datasheet
524Kb / 24P
   Triple Output, Low Voltage DC/DC Module Regulator
LTM8008 LINER-LTM8008 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTM4633 LINER-LTM4633 Datasheet
519Kb / 32P
   Triple 10A Step-DownDC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
   15A DC/DC 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
   Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
   Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com