Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3750 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3750
Description  Source Ringer Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3750 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3750 Datasheet HTML 3Page - Texas Instruments UCC3750 Datasheet HTML 4Page - Texas Instruments UCC3750 Datasheet HTML 5Page - Texas Instruments UCC3750 Datasheet HTML 6Page - Texas Instruments UCC3750 Datasheet HTML 7Page - Texas Instruments UCC3750 Datasheet HTML 8Page - Texas Instruments UCC3750 Datasheet HTML 9Page - Texas Instruments UCC3750 Datasheet HTML 10Page - Texas Instruments UCC3750 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
UCC2750
UCC3750
problem is only manifested for high values of VB (e.g.
48V) and can be alleviated by using a fraction of the re-
quired DC offset as the VB input and regaining the offset
with resistive ratios.
The error amplifier compares the reference signal with
the output voltage by way of weighted sum at its invert-
ing input. The error signal is further processed to sepa-
rate its polarity and magnitude. An absolute value circuit
(precision full-wave rectifier) is used to get the magnitude
information. The polarity is used along with the reference
signal polarity to determine the mode information. The
absolute value circuit provides phase inversion when ap-
propriate for modes 2 and 3 to maintain the correct loop
gain polarity. While the output of the error amplifier
swings around 3V, the full-wave rectifier output (MAG)
converts it into a signal above 3V. This signal is com-
pared to the oscillator ramp to generate the PWM output.
Oscillator and PWM Comparator
The UCC3750 has an internal oscillator capable of high
frequency (>250kHz) operation. A resistor on the RT pin
programs the current that charges and discharges CT,
resulting in a triangular ramp waveform. Fig 7. shows the
oscillator hook-up circuit. The ramp peak and valley are
4.75V and 3V respectively. The nominal frequency is
given by:
f=
1
1.17 • RT • CT
OSC
The ramp waveform and the rectified output of the error
amplifier are compared by the PWM comparator to gen-
erate the PWM signal. The PWM action is disabled on
the positive slope of the ramp signal. Leading edge mod-
ulation turns on the PWM signal when the ramp signal
falls below MAG on the falling slope and turns it off at the
end of the clock cycle. This technique enables synchro-
nized turn-on of the rectifier switches immediately after
the PWM pulse is turned off. The triangular nature of the
ramp ensures that the maximum duty cycle of the PWM
output is 50%, providing inherent current limiting.
Control Logic and Outputs
The PWM signal is processed through control logic which
takes into account the operating mode and output polar-
ity to determine which output to modulate. The logic table
for the outputs is given in Table 2. For example, assume
that the reference signal is in the first quadrant (positive
and increasing). The output will lag the reference by a
certain delay and hence the error amp output will be pos-
itive, resulting in SIGN = 0. The logic table indicates that
GD1 is modulated during this phase allowing power
transfer to increase the output voltage to keep up with
the reference. Increasing error (MAG) will result in larger
duty cycle and enable the output to increase and catch
up with the reference. If the output becomes higher than
the reference (as is likely in the second quadrant when
the reference is dropping), the SIGN becomes 1 and
GD3 is modulated to decrease the output level by trans-
ferring power to the input. At the boundary of the first and
second quadrant, there may be some switching back and
forth between modes as the reference slope crosses
through zero. Some of this switching can be eliminated
by judicious selection of error amplifier filtering and com-
pensation components. In the first quadrant, when PWM
is applied to Q1, Q2 is turned on in the rectifier mode by
the clock signal to allow the flyback transformer flux to
APPLICATION INFORMATION (cont.)
24
23
CT
I
R
S
Q
R
I
R
C
T
RT
3V
I
R
R
T
4.75V
3.0V
Figure 7. Oscillator setup.
UDG-99077


Similar Part No. - UCC3750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3750DW TI1-UCC3750DW Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
UCC3750DWG4 TI1-UCC3750DWG4 Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
UCC3750DWTR TI1-UCC3750DWTR Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
UCC3750DWTRG4 TI1-UCC3750DWTRG4 Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
UCC3750N TI1-UCC3750N Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
More results

Similar Description - UCC3750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3750DW TI1-UCC3750DW Datasheet
1Mb / 18P
[Old version datasheet]   Source Ringer Controller
logo
Taiwan Semiconductor Co...
TS31002 TSC-TS31002 Datasheet
175Kb / 6P
   Tong Ringer
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
   Tone Ringer
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411_1 Datasheet
420Kb / 7P
   Tong Ringer
logo
Daewoo Semiconductor
DBL5001 DAEWOO-DBL5001 Datasheet
317Kb / 6P
   TONE RINGER
logo
System Logic Semiconduc...
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
   Tone Ringer
logo
Sanyo Semicon Device
LA8500 SANYO-LA8500 Datasheet
51Kb / 2P
   Tone Ringer
logo
AUK corp
SL5001P-2P AUK-SL5001P-2P Datasheet
291Kb / 8P
   TONE RINGER
logo
Taiwan Semiconductor Co...
TS2411 TSC-TS2411 Datasheet
174Kb / 6P
   Tong Ringer
logo
Hangzhou Youwang Electr...
UTC2411 YOUWANG-UTC2411 Datasheet
84Kb / 3P
   TONE RINGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com