Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9001CV-BAPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM9001CV-BAPBF
Description  16-Bit IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001CV-BAPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM9001CV-BAPBF Datasheet HTML 7Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 8Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 9Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 10Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 11Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 12Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 13Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 14Page - Linear Technology LTM9001CV-BAPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM9001-Ax/LTM9001-Bx
11
9001fb
TYPICAL PERFORMANCE CHARACTERISTICS (LTM9001-AD)
Input Impedance vs Frequency
IF Frequency Response
64k Point FFT, fIN = 70MHz,
–1dBFS, PGA = 0, RAND “Off”,
Dither “Off”
64k Point 2-Tone FFT, fIN = 70MHz,
and fin = 74MHz, –7dBFS Per Tone,
PGA = 0, RAND “Off”, Dither “Off”
Differential Non-Linearity (DNL)
vs Output Code
Best Fit Integral Non-Linearity
(INL) vs Output Code
SNR vs Frequency
OUTPUT CODE
0
– 0.2
0.0
0.2
0.4
0.6
0.8
1.0
49152
65536
9001 G25
–0.4
–0.6
–0.8
–1.0
16384
32768
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0.0
2.0
1.0
1.5
0.5
2.5
3.0
3.5
4.0
49152
65536
9001 G26
–2.5
–3.0
–3.5
–4.0
16384
32768
FREQUENCY (MHz)
9001 G27
75
72
68
67
66
69
70
71
73
74
65
1
100
1000
10
FREQUENCY (MHz)
9001 G28
220
140
160
60
40
20
80
100
120
180
200
0
12
4
6
–4
–6
–8
–2
0
2
8
10
–10
1
100
1000
10
MAGNITUDE
PHASE
FREQUENCY (MHz)
9001 G29
0
–3
–7
–8
–9
–6
–5
–4
–2
–1
–10
40
50
80
90
100
60
70
FREQUENCY (MHz)
9001 G30
0
–30
–70
–80
–90
–100
–110
–60
–50
–40
–20
–10
–120
0
10
405060
20
30
HD2
HD3
FREQUENCY (MHz)
9001 G31
0
–30
–70
–80
–90
–100
–110
–60
–50
–40
–20
–10
–120
010
40
50
60
20
30


Similar Part No. - LTM9001CV-BAPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001CV-BAPBF LINER-LTM9001CV-BAPBF Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
More results

Similar Description - LTM9001CV-BAPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9002 LINER-LTM9002 Datasheet
354Kb / 28P
   14-Bit Dual-Channel IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com