Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9003CV-ABPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTM9003CV-ABPBF
Description  12-Bit Digital Pre-Distortion Receiver Subsystem
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9003CV-ABPBF Datasheet(HTML) 3 Page - Linear Technology

  LTM9003CV-ABPBF Datasheet HTML 1Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 2Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 3Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 4Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 5Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 6Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 7Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 8Page - Linear Technology LTM9003CV-ABPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM9003
3
9003p
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
LTM9003-AA
No External Matching (Midband)
With External Matching (Low Band or High Band)
400
1100 to 1800
3800
MHz
MHz
LTM9003-AB
No External Matching (Midband)
With External Matching (Low Band or High Band)
400
1100 to 1800
3700
MHz
MHz
LO Input Frequency Range
LTM9003-AA
No External Matching
With External Matching
380
800 to 3500
MHz
MHz
LTM9003-AB
No External Matching
With External Matching
380
900 to 3500
MHz
MHz
RF Input Return Loss
ZO = 50Ω, 1100MHz to 1800MHz (No External Matching)
LTM9003-AA
LTM9003-AB
>12
>12
dB
dB
LO Input Return Loss
ZO = 50Ω, 900MHz to 3500MHz (No External Matching)
LTM9003-AA
LTM9003-AB
>10
>10
dB
dB
RF Input Power for –1dBFS
LTM9003-AA
LTM9003-AB
–1.8
–1.8
dBm
dBm
LO Input Power
1200MHz to 4200MHz, LTM9003-AA or
1200MHz to 3500MHz, LTM9003-AB
380MHz to 1200MHz
–8
–5
–3
0
2
5
dBm
dBm
LO to RF Leakage
LTM9003-AA
fLO = 380MHz to 1600MHz
fLO = 1600MHz to 4000MHz
<–50
<–45
dBm
dBm
LTM9003-AB
fLO = 400MHz to 2100MHz
fLO = 2100MHz to 3200MHz
<–44
<–36
dBm
dBm
RF to LO Isolation
LTM9003-AA
fRF = 400MHz to 1700MHz
fRF = 1700MHz to 3800MHz
>50
>42
dBm
dBm
LTM9003-AB
fRF = 400MHz to 2200MHz
fRF = 2200MHz to 3700MHz
>43
>38
dBm
dBm
CONVERTER CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
l
12
Bits
Integral Linearity Error (Note 4)
IF = 184.32MHz
TBD
LSB
Differential Linearity Error
IF = 184.32MHz
TBD
LSB


Similar Part No. - LTM9003CV-ABPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9003 LINER-LTM9003 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LTM9003 LINER-LTM9003 Datasheet
1,000Kb / 36P
   300MHz Digital Predistortion Receiver
LTM9003 LINER-LTM9003 Datasheet
1Mb / 28P
   Dual 12-Bit 310Msps ADC
LTM9003 LINER-LTM9003_15 Datasheet
442Kb / 24P
   12-Bit Digital Pre-Distortion Module Receiver Subsystem
More results

Similar Description - LTM9003CV-ABPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9003 LINER-LTM9003_15 Datasheet
442Kb / 24P
   12-Bit Digital Pre-Distortion Module Receiver Subsystem
DC1642 LINER-DC1642_15 Datasheet
108Kb / 1P
   PRE DISTORTION RECEIVER CLVOS OUTPUT
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9004 LINER-LTM9004_15 Datasheet
1Mb / 28P
   14-Bit Direct Conversion Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com