Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9002CV-LA Datasheet(PDF) 5 Page - Linear Technology

Part # LTM9002CV-LA
Description  14-Bit Dual-Channel IF/Baseband Receiver Subsystem
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002CV-LA Datasheet(HTML) 5 Page - Linear Technology

  LTM9002CV-LA Datasheet HTML 1Page - Linear Technology LTM9002CV-LA Datasheet HTML 2Page - Linear Technology LTM9002CV-LA Datasheet HTML 3Page - Linear Technology LTM9002CV-LA Datasheet HTML 4Page - Linear Technology LTM9002CV-LA Datasheet HTML 5Page - Linear Technology LTM9002CV-LA Datasheet HTML 6Page - Linear Technology LTM9002CV-LA Datasheet HTML 7Page - Linear Technology LTM9002CV-LA Datasheet HTML 8Page - Linear Technology LTM9002CV-LA Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM9002
5
9002f
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 7)
POWER REQUIREMENTS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Amplifier and Auxiliary DAC
Operating Supply Range
l
2.85
3.0
3.4
V
VDD
ADC Analog Supply Voltage
l
2.85
3.0
3.5
V
OVDD
Output Supply Voltage
l
0.5
3.0
3.6
V
ICC
Amplifier
DAC Powered Up, Both Amplifiers Enabled, LTM9002-AA
l
180
207
mA
Both Amplifiers Enabled, LTM9002-LA
l
90
120
mA
ICC(SHDN) Amplifier Shutdown Supply Current
AMPSHDN = 3V, DAC Powered Down
0.7
mA
IDD(ADC)
ADC Supply Current
LTM9002-AA
l
263
313
mA
LTM9002-LA
l
140
159
mA
PD(SHDN) ADC Shutdown Power (Each Channel) ADCSHDN = AMPSHDN = 3V, OE = 3V, No CLK
2
mW
PD(NAP)
ADC Nap Mode Power (Each Channel) ADCSHDN = AMPSHDN = 3V, OE = 0V, No CLK
15
mW
PD(AMP)
Amplifier Power Dissipation
DAC Powered Up, LTM9002-AA
540
mW
LTM9002-LA
270
mW
PD(ADC)
ADC Power Dissipation
LTM9002-AA
l
790
939
mW
LTM9002-LA
l
420
477
mW
PD(TOTAL) Total Power Dissipation
fSAMPLE = MAX, LTM9002-AA
fSAMPLE = MAX, LTM9002-LA
1329
690
mW
mW
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic Inputs (AMPSHDN)
VIL
Low Level Input Voltage
l
0.8
V
VIH
High Level Input Voltage
l
2.4
V
IIL
Input Low Current
AMPSHDN = 0.8V
l
0.5
μA
IIH
Input High Current
AMPSHDN = 2.4V
l
1.4
3
μA
Logic Outputs
OVDD = 3V
COZ
Hi-Z Output Capacitance
OE = 3V (Note 6)
3
pF
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = 3V
50
mA
VOH
High Level Output Voltage
IO = –10μA
IO = –200μA
l
2.7
2.995
2.99
V
V
VOL
Low Level Output Voltage
IO = 10μA
IO = 1.6mA
l
0.005
0.09
0.4
V
V
OVDD = 2.5V
VOH
High Level Output Voltage
IO = –200μA
2.49
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –200μA
1.79
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.1
V


Similar Part No. - LTM9002CV-LA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9002 LINER-LTM9002 Datasheet
455Kb / 36P
   14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTM9002 LINER-LTM9002 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LTM9002 LINER-LTM9002 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTM9002 LINER-LTM9002 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTM9002 LINER-LTM9002 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
More results

Similar Description - LTM9002CV-LA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM9002 LINER-LTM9002_15 Datasheet
352Kb / 28P
   14-Bit Dual-Channel IF/ Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_10 Datasheet
855Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA_15 Datasheet
1Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX Datasheet
851Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-AX LINER-LTM9001-AX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-BX LINER-LTM9001-BX_15 Datasheet
860Kb / 30P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001-GA LINER-LTM9001-GA Datasheet
3Mb / 24P
   16-Bit IF/Baseband Receiver Subsystem
LTM9001 LINER-LTM9001 Datasheet
412Kb / 28P
   16-Bit IF/Baseband Receiver Subsystem
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
   14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Maxim Integrated Produc...
MAX12557 MAXIM-MAX12557 Datasheet
905Kb / 28P
   Dual, 65Msps, 14-Bit, IF/Baseband ADC
Rev 0; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com