Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3807DTR-2 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3807DTR-2
Description  Programmable Maximum Duty Cycle PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3807DTR-2 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3807DTR-2 Datasheet HTML 1Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 2Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 3Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 4Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 5Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 6Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 7Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 8Page - Texas Instruments UCC3807DTR-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
UCC1807-1/-2/-3
UCC2807-1/-2/-3
UCC3807-1/-2/-3
COMP: COMP is the output of the error amplifier and the
input of the PWM comparator. The error amplifier in the
UCC3807 is a low output impedance, 2MHz operational
amplifier. COMP can both source and sink current. The
error amplifier is internally current limited, which allows
zero duty cycle by externally forcing COMP to GND.
The UCC3807 family features built-in full cycle soft start.
Soft start is implemented as a clamp on the maximum
COMP voltage.
CS: Current sense input. There are two current sense
comparators on the chip, the PWM comparator and an
overcurrent comparator.
The UCC3807 also contains a leading edge blanking cir-
cuit, which disconnects the external CS signal from the
current sense comparator during the 100ns interval im-
mediately following the rising edge of the signal at the
OUT pin. In most applications, no analog filtering is re-
quired on CS. Compared to an external RC filtering tech-
nique, leading edge blanking provides a smaller effective
CS to OUT propagation delay. Note, however, that the
minimum non-zero on-time of the OUT signal is directly
affected by the leading edge blanking and the CS to
OUT propagation delay.
The overcurrent comparator is only intended for fault
sensing. Exceeding the overcurrent threshold causes a
soft start cycle.
FB: The inverting input to the error amplifier. For best
stability, keep connections to FB as short as possible and
stray capacitance as small as possible.
GND: Reference ground and power ground for all func-
tions of the part.
OUT: The output of a high current power driver capable
of driving the gate of a power MOSFET with peak cur-
rents exceeding 1A. OUT is actively held low when VDD
is below the UVLO threshold.
The high current power driver consists of MOSFET out-
put devices in a totem pole configuration. This allows the
output to switch from VDD to GND. The output stage
also provides a very low impedance which minimizes
overshoot and undershoot. In most cases, external
Schottky clamp diodes are not required.
PIN DESCRIPTIONS
ELECTRICAL CHARACTERISTICS:Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UCC1807-1/-2/-3; –40°C to +85°C for UCC2807-1/-2/-3; and 0°C to +70°C for UCC3807-1/-2/-3; VDD = 10V (Note 6), RA = 12kW ,
RB = 4.7kW , CT = 330pF, 1.0m F capacitor from VDD to GND, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Start Threshold
UCCx807-1 (Note 4)
6.6
7.2
7.8
V
UCCx807-2
11.5
12.5
13.5
V
UCCx807-3
4.1
4.3
4.5
V
Minimum Operating Voltage After Start
UCCx807-1 (Note 4)
6.3
6.9
7.5
V
UCCx807-2
7.6
8.3
9.0
V
UCCx807-3
3.9
4.1
4.3
V
Hysteresis
UCCx807-1
0.1
0.3
0.5
V
UCCx807-2
3.5
4.2
5.1
V
UCCx807-3
0.1
0.2
0.3
V
Soft Start Section
COMP Rise Time
FB = 1.8V, From 0.5V to 4.0V
4
ms
Overall Section
Startup Current
VDD < Start Threshold (UCCx807-1,-3)
0.1
0.2
mA
VDD < Start Threshold (UCCx807-2)
0.15
0.25
mA
Operating Supply Current
FB = 0V, CS = 0V, No Load (Note 7)
1.3
2.1
mA
VDD Zener Shunt Voltage
IDD = 10mA
12.0
13.5
15.0
V
Shunt to Start Difference
0.5
1.0
V
Note 1: Measured at TRIG; signal minimum = 1/3 VDD, maximum = 2/3 VDD.
Note 2: Gain is defined by: A
V
V
COMP
CS
,0
VCS
0.8V
Note 3: Parameter measured at trip point of latch with FB at 0V.
Note 4: Start Threshold and Zener Shunt thresholds track one another.
Note 5: Ensured by design. Not 100% tested in production.
Note 6: Adjust VDD above the start threshold before setting at 10V for UCC3807-2.
Note 7: Does not include current in external timing RC network.


Similar Part No. - UCC3807DTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3807DTR-1 TI1-UCC3807DTR-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC3807DTR-3 TI1-UCC3807DTR-3 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
More results

Similar Description - UCC3807DTR-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
   Programmable PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com