Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL318-1R21-2 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL318-1R21-2
Description  3mm LED Snap-in Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL318-1R21-2 Datasheet(HTML) 1 Page - P-tec Corporation

  PL318-1R21-2 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL318 Series 3mm LED Snap-in Holder
Features
*Snap-In Panel Mount Indicator
*Mounting Hole 4 mm (.156”)
*No mounting Hardware required
*Housing Material Black Nylon UL94V-2
*1 Super Bright Red LED with Color
Diffused Lens used
*26AWG 6” (+) Red and (-) Black Wire Leads
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100 µA).……...…...……..……………………………….………. 5.0V
Max Forward Current…………..………….….…….……..……………………… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)………………..…........… 100mA
Operating Temperature Range……………..……………………..….…. -25°C to +85°C
Storage Temperature Range……………..……………….....…….….... -40°C to +100°C
Soldering Temperature (1.6 mm below body)………………….……...… 260°C for 5 seconds
Power Dissipation……………………………………………………………...…. 66mW
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Lumious
Intensity
@20mA (mcd)
6” Wire Leads
nm
Deg
Typ
Max
Typ
Max
Deep Red
AlGaAs
660
54°
1.8
2.2
50.0
90.0
PL318-1R21-2
Dominant
Wave
Length
nm
643
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
02-16-07 Rev 0 RS
3.9
0.2+0.1
4.4±0.5
1.0
Stripped and Tinned
1.9±0.5
3.0
4.8
6.35
10.0
152.4 ±10mm


Similar Part No. - PL318-1R21-2

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL318-1R21-2 P-TEC-PL318-1R21-2_14 Datasheet
30Kb / 1P
   Snap-In Panel Mount Indicator
More results

Similar Description - PL318-1R21-2

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL318-1R24-2 P-TEC-PL318-1R24-2 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
PL31814-1G13-2 P-TEC-PL31814-1G13-2 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
PL31814-1GY1301-2 P-TEC-PL31814-1GY1301-2 Datasheet
30Kb / 1P
   3mm LED Snap-in Holder
PL31814-1R21-2 P-TEC-PL31814-1R21-2 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
PL31814-1RG1213-2 P-TEC-PL31814-1RG1213-2 Datasheet
30Kb / 1P
   3mm LED Snap-in Holder
PL31814-1R24 P-TEC-PL31814-1R24 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
PL318-1GY1201-2 P-TEC-PL318-1GY1201-2 Datasheet
30Kb / 1P
   3mm LED Snap-in Holder
PL318-1R12 P-TEC-PL318-1R12 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
PL318-1R12-2 P-TEC-PL318-1R12-2 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
PL318-1Y01-2 P-TEC-PL318-1Y01-2 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
PL31814-1RG1213 P-TEC-PL31814-1RG1213 Datasheet
29Kb / 1P
   3mm LED Snap-in Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com