Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2634HUD-LZ12PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2634HUD-LZ12PBF
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634HUD-LZ12PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2634HUD-LZ12PBF Datasheet HTML 1Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 2Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 3Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 4Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 5Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 6Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 7Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 8Page - Linear Technology LTC2634HUD-LZ12PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2634
2
2634f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
CS/LD, SCK, SDI, LDAC, CLR, SDO, REFLO.. –0.3V to 6V
VOUTA-VOUTD .................... –0.3V to Min (VCC + 0.3V, 6V)
REF .................................. –0.3V to Min (VCC + 0.3V, 6V)
Operating Temperature Range
LTC2634C ................................................ 0°C to 70°C
LTC2634I.............................................. –40°C to 85°C
LTC2634H (Note 3) ............................ –40°C to 125°C
(Notes 1, 2)
16 15 14 13
5
6
7
8
TOP VIEW
17
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
VOUTA
VOUTB
LDAC
CS/LD
VOUTD
VOUTC
REF
CLR
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
VCC
VOUTA
VOUTB
CS/LD
SCK
10
9
8
7
6
GND
VOUTD
VOUTC
REF
SDI
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 35°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
Maximum Junction Temperature........................... 150°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C


Similar Part No. - LTC2634HUD-LZ12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634HUD-LZ12 LINER-LTC2634HUD-LZ12 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634HUD-LZ12TRPBF LINER-LTC2634HUD-LZ12TRPBF Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634HUD-LZ12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com