Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3800N Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3800N
Description  Low-Power BiCMOS Current-Mode PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3800N Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3800N Datasheet HTML 4Page - Texas Instruments UCC3800N Datasheet HTML 5Page - Texas Instruments UCC3800N Datasheet HTML 6Page - Texas Instruments UCC3800N Datasheet HTML 7Page - Texas Instruments UCC3800N Datasheet HTML 8Page - Texas Instruments UCC3800N Datasheet HTML 9Page - Texas Instruments UCC3800N Datasheet HTML 10Page - Texas Instruments UCC3800N Datasheet HTML 11Page - Texas Instruments UCC3800N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
UCC1800/1/2/3/4/5
UCC2800/1/2/3/4/5
UCC3800/1/2/3/4/5
0
50
100
150
200
250
300
350
400
450
500
100
200
300
400
500
600
700
800
900
1000
C
(pF)
T
UCC1803/5
UCC1800/1/2/4
Figure 9. Dead time vs. CT,RT = 100k.
0
0.6
0.7
0.8
0.9
1.0
1.1
-55-50
-25
0
25
50
75
100
125
Temperature (°C)
Slope = 1.8mV/ C
°
Figure 10. COMP to CS offset vs. temperature,
CS=0V.
0
1
2
3
4
5
6
7
8
0
100
200
300
400
500
600
700
800
900 1000
Oscillator Frequency (kHz)
V
= 10V
, 1nF
CC
V
= 8V
, 1nF
CC
V
= 10V
, No Load
CC
V
= 8V, No
Load
CC
Figure 8. UCC1805 ICC vs. oscillator frequency.


Similar Part No. - UCC3800N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3800N TI1-UCC3800N Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3800N TI-UCC3800N Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC3800N TI1-UCC3800N Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC3800N TI1-UCC3800N Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC3800NG4 TI1-UCC3800NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC3800N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com