Electronic Components Datasheet Search |
|
LTC2634HMSE-HMI10PBF Datasheet(PDF) 2 Page - Linear Technology |
|
LTC2634HMSE-HMI10PBF Datasheet(HTML) 2 Page - Linear Technology |
2 / 28 page LTC2634 2 2634f PIN CONFIGURATION ABSOLUTE MAXIMUM RATINGS Supply Voltage (VCC) ................................... –0.3V to 6V CS/LD, SCK, SDI, LDAC, CLR, SDO, REFLO.. –0.3V to 6V VOUTA-VOUTD .................... –0.3V to Min (VCC + 0.3V, 6V) REF .................................. –0.3V to Min (VCC + 0.3V, 6V) Operating Temperature Range LTC2634C ................................................ 0°C to 70°C LTC2634I.............................................. –40°C to 85°C LTC2634H (Note 3) ............................ –40°C to 125°C (Notes 1, 2) 16 15 14 13 5 6 7 8 TOP VIEW 17 UD PACKAGE 16-LEAD (3mm 3mm) PLASTIC QFN 9 10 11 12 4 3 2 1 VOUTA VOUTB LDAC CS/LD VOUTD VOUTC REF CLR TJMAX = 125°C, θJA = 68°C/W EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB 1 2 3 4 5 VCC VOUTA VOUTB CS/LD SCK 10 9 8 7 6 GND VOUTD VOUTC REF SDI TOP VIEW 11 MSE PACKAGE 10-LEAD PLASTIC MSOP TJMAX = 125°C, θJA = 35°C/W EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB Maximum Junction Temperature........................... 150°C Storage Temperature Range................... –65°C to 150°C Lead Temperature (Soldering, 10 sec) MSOP ............................................................... 300°C |
Similar Part No. - LTC2634HMSE-HMI10PBF |
|
Similar Description - LTC2634HMSE-HMI10PBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |