Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2634IUD-LZ10PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2634IUD-LZ10PBF
Description  Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2634IUD-LZ10PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2634IUD-LZ10PBF Datasheet HTML 6Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 7Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 8Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 9Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 10Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 11Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 12Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 13Page - Linear Technology LTC2634IUD-LZ10PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC2634
10
2634f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2634-HMI12/-HMI10/-HMI8/-HMX12/-HMX10/-HMX8/-HZ12/-HZ10/-HZ8 (VFS = 4.096V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
SDI Valid to SCK Setup
l
4ns
t2
SDI Valid to SCK Hold
l
4ns
t3
SCK High Time
l
9ns
t4
SCK Low Time
l
9ns
t5
CS/LD Pulse Width
l
10
ns
t6
LSB SCK High to CS/LD High
l
7ns
t7
CS/LD Low to SCK High
l
7ns
t8
CLR Pulse Width
l
20
ns
t9
LDAC Pulse Width
l
15
ns
t10
CS/LD High to SCK Positive Edge
l
7ns
SCK Frequency
50% Duty Cycle
l
50
MHz
t11
CS/LD High to LDAC High or Low Transition
l
200
ns
t12
SDO Propagation Delay from SCK Falling Edge
CLOAD = 10pF
VCC = 4.5V to 5.5V
l
20
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltages are with respect to GND.
Note 3: High temperatures degrade operating lifetimes. Operating lifetime
is derated at temperatures greater than 105°C.
Note 4: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016 • (2N/ VFS),
rounded to the nearest whole code. For VFS = 2.5V and N = 12, kL = 26
and linearity is defined from code 26 to code 4,095. For VFS = 4.096V and
N = 12, kL = 16 and linearity is defined from code 16 to code 4,095.
Note 5: Inferred from measurement at code 16 (LTC2634-12), code 4
(LTC2634-10) or code 1 (LTC2634-8), and at full-scale.
Note 6: This IC includes current limiting that is intended to protect the
device during momentary overload conditions. Junction temperature can
exceed the rated maximum during current limiting. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 7: Digital inputs at 0V or VCC.
Note 8: Guaranteed by design and not production tested.
Note 9: Internal Reference mode. DAC is stepped 1/4 scale to 3/4 scale
and 3/4 scale to 1/4 scale. Load is 2kΩ in parallel with 100pF to GND.
Note 10: Temperature coefficient is calculated by dividing the maximum
change in output voltage by the specified temperature range.


Similar Part No. - LTC2634IUD-LZ10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634IUD-LZ10 LINER-LTC2634IUD-LZ10 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634IUD-LZ10TRPBF LINER-LTC2634IUD-LZ10TRPBF Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results

Similar Description - LTC2634IUD-LZ10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_15 Datasheet
459Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/C Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com