Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL519-1R24 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL519-1R24
Description  5mm LED Snap-in Panel Mount Holder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL519-1R24 Datasheet(HTML) 1 Page - P-tec Corporation

  PL519-1R24 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL519 Series 5mm LED Snap-in Panel Mount Holder
Features
*Snap-in Design Requires no Hardware
*Mounting Hole 6.35 mm (0.25”)
*Housing Material Black Nylon UL94V-2
*1 Red LED with Color Diffused
Lens used
*Standard Terminals
*RoHS Compliant
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)….………………..……...…...…….………………….…. 5.0V
Max Forward Current…….…………..………………….……..…………………. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……........…………….….. 100mA
Operating Temperature Range……………………………………….…. -25°C to +85°C
Storage Temperature Range……………….....……………………….. –40°C to +100°C
Soldering Temperature (1.6 mm below body)………....………………….... 260° for 5 seconds
Power Dissipation……………………………………………………………….... 90mW
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
nm
Deg
Typ
Max
Min
Typ
Red
GaP
700
38°
2.1
3.0
2.0
3.5
PL519-1R24
Dominant
Wave
Length
nm
650
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
02-15-07 Rev 0 RS
20.0Min.
2.54
6.1
0.2 +0.1
10.6
4.4±0.5
0.8±0.5
2.8±0.5


Similar Part No. - PL519-1R24

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL519-1R24-2 P-TEC-PL519-1R24-2 Datasheet
30Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R24-2 P-TEC-PL519-1R24-2_14 Datasheet
77Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R24 P-TEC-PL519-1R24_14 Datasheet
76Kb / 1P
   5mm LED Snap-in Panel Mount Holder
More results

Similar Description - PL519-1R24

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL519M-1RG2115 P-TEC-PL519M-1RG2115_14 Datasheet
79Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R21 P-TEC-PL520-1R21_14 Datasheet
78Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R12-2 P-TEC-PL519-1R12-2_14 Datasheet
77Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R12 P-TEC-PL520-1R12_14 Datasheet
78Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R21-2 P-TEC-PL519-1R21-2 Datasheet
77Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1Y01 P-TEC-PL519-1Y01 Datasheet
29Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519M-1RG2115-2 P-TEC-PL519M-1RG2115-2 Datasheet
35Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1G13-2 P-TEC-PL520-1G13-2 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL520-1R21 P-TEC-PL520-1R21 Datasheet
31Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519-1R12 P-TEC-PL519-1R12 Datasheet
29Kb / 1P
   5mm LED Snap-in Panel Mount Holder
PL519M-1RG1213 P-TEC-PL519M-1RG1213 Datasheet
34Kb / 1P
   5mm LED Snap-in Panel Mount Holder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com