Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC281DP-5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC281DP-5
Description  Low Dropout 1 Ampere Linear Regulator Family
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC281DP-5 Datasheet(HTML) 2 Page - Texas Instruments

  UCC281DP-5 Datasheet HTML 1Page - Texas Instruments UCC281DP-5 Datasheet HTML 2Page - Texas Instruments UCC281DP-5 Datasheet HTML 3Page - Texas Instruments UCC281DP-5 Datasheet HTML 4Page - Texas Instruments UCC281DP-5 Datasheet HTML 5Page - Texas Instruments UCC281DP-5 Datasheet HTML 6Page - Texas Instruments UCC281DP-5 Datasheet HTML 7Page - Texas Instruments UCC281DP-5 Datasheet HTML 8Page - Texas Instruments UCC281DP-5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
UCC281-3/-5/-ADJ
UCC381-3/-5/-ADJ
ABSOLUTE MAXIMUM RATINGS
VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9V
CT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−0.3 to 3V
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . .
−55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300
°C
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages. All voltages are referenced to
GND.
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications hold for TA = 0
°C to 70°C for the
UCC381-X series and
−40°C to +85°C for the UCC283-X series, VIN =VOUT + 1.5V, IOUT = 0mA, COUT = 2.2µF. CT = 1500pF for
the UCC381-ADJ version and VOUT set to 5V. TJ = TA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC381-5 Fixed 5V, 1A Family
Output Voltage
TJ = 25°C
4.925
5
5.075
V
Over Temperature
4.875
5.125
V
Line Regulation
VIN = 5.15V to 9V
1
3
mV
Load Regulation
IOUT = 0mA to 1A
2
5
mV
Drop Out Voltage, VIN –VOUT
IOUT = 1A, VOUT = 4.85V, TA < 85°C
0.5
0.6
V
IOUT = 200mA, VOUT = 4.85V, TA < 85°C
100
200
mV
Peak Current Limit
VOUT = 0V
2
3.5
A
Overcurrent Threshold
1
1.8
A
Current Limit Duty Cycle
VOUT = 0V
3
5
%
Overcurrent Time Out, TON
VOUT = 0V
400
750
1600
µs
Quiescent Current
400
650
µA
Quiescent Current in Shutdown
VIN = 9V
10
25
µA
Shutdown Threshold
At CT Input
0.25
0.65
V
Reverse Leakage Current
1V < VIN <VOUT,VOUT < 5.1V, at VOUT
75
µA
UVLO Threshold
VIN where VOUT passes current
2.5
2.8
3.0
V
Short circuit current is internally limited. The device re-
sponds to a sustained overcurrent condition by turning
off after a TON delay. The device then stays off for a pe-
riod, TOFF, that is 32 times the TON delay. The device
then begins pulsing on and off at the TON /(TON+TOFF)
duty cycle of 3%. This drastically reduces the power dis-
sipation during short circuit such that heat sinking, if at all
required, must only accommodate normal operation. On
the fixed output versions of the device TON is fixed at
400
µs − a guaranteed minimum. On the adjustable ver-
sion an external capacitor sets the on time. The off time
is always 32 times TON.
The UCC381 can be shutdown to 25
µA (max) by pulling
the CT pin low.
Internal power dissipation is further controlled with ther-
mal overload protection circuitry. Thermal shutdown oc-
curs if the junction temperature exceeds 165
°C. The chip
will remain off until the temperature has dropped 20
°C.
The UCC281 series is specified for operation over the in-
dustrial range of
−40°C to +85°C, and the UCC381 se-
ries is specified from 0
°Cto+70°C. These devices are
available in the 8 pin DP surface mount power package.
For other packaging options consult the factory.
DESCRIPTION (cont.)
1
2
3
4
8
7
6
5
GND
VOUT
VOUTS
GND
GND
VIN
CT*
GND
CONNECTION DIAGRAMS
SOIC-8 (Top View)
DP Package
* ADJ version only


Similar Part No. - UCC281DP-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281DP-5 TI1-UCC281DP-5 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC281DP-5G4 TI1-UCC281DP-5G4 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
More results

Similar Description - UCC281DP-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281-3 TI1-UCC281-3_09 Datasheet
279Kb / 12P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com