Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2882-1 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2882-1
Description  Average Current Mode Synchronous Controller With 5-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2882-1 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2882-1 Datasheet HTML 1Page - Texas Instruments UCC2882-1 Datasheet HTML 2Page - Texas Instruments UCC2882-1 Datasheet HTML 3Page - Texas Instruments UCC2882-1 Datasheet HTML 4Page - Texas Instruments UCC2882-1 Datasheet HTML 5Page - Texas Instruments UCC2882-1 Datasheet HTML 6Page - Texas Instruments UCC2882-1 Datasheet HTML 7Page - Texas Instruments UCC2882-1 Datasheet HTML 8Page - Texas Instruments UCC2882-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
UCC2882/-1
UCC3882/-1
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, VIN = VDRVHI = VDRVLO = 12V, VSNS = 3.5V, VD0 = VD1
= VD2 = VD3 = VD4 = 0V, RT = 13k, CT = 1.8nF, EN = Open, 0°C < TA < 70°C, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DAC/Reference
COMMAND Voltage Accuracy
10.8V < VIN < 13.2V, IREF = 0mA (Note 1)
–1
1
%
D0-D4 Voltage High
DX Pin Floating
5
5.2
V
D0-D4 Input Bias Current
DX Pin Tied to GND
–120
–70
–20
µA
OVP Comparator
Trip Point
% Over COMMAND Voltage (Note 2)
10
17
25
%
Hysteresis
20
mV
OV Comparator
Trip Point
% Over COMMAND Voltage (Note 2)
5
9
12
%
Hysteresis
20
mV
PWRGD On Resistance
470
UV Comparator
Trip Point
% Over COMMAND Voltage (Note 2)
–12
–9
–5
%
Hysteresis
20
mV
Enable Pin
Pull Up Current
VEN = 2.5V
–80
–50
–20
µA
Voltage Error Amplifier
Input Offset Voltage
VCM = 3V
–10
0
10
mV
Input Bias Current
VCM = 3V
–0.5
0.5
µA
Open Loop Gain
2.05V < VCOMP < 3.05V
90
dB
Power Supply Rejection Ratio
10.8V < VIN < 15V
85
dB
Output Sourcing Current
VVFB = 2V, VCOMMAND = VCOMP = 2.5V
–1.6
–0.8
mA
Output Sinking Current
VVFB = 3V, VCOMMAND = VCOMP = 2.5V
1
mA
Current Sense Amplifier
Gain
15
16
17
V/V
Common Mode Rejection Ratio
0V < VCM < 4.5V
60
dB
Power Supply Rejection Ratio
10.8V < VIN < 15V
80
dB
Output Sourcing Current
VIS– = 2V, VISOUT = VIS+ = 2.5V
–4
–3
mA
Output Sinking Current
VIS– = 3V, VISOUT = VIS+ = 2.5V
3
4
mA
Current Amplifier
Input Offset Voltage
VCM = 3V
1
mV
Input Bias Current
VCM = 3V
–0.1
µA
Open Loop Gain
1V < VCAO < 2.5V
90
dB
Output Voltage High
3V
Power Supply Rejection Ratio
10.8V < VIN < 15V
80
dB
Output Sourcing Current
VCAM = 2V, VCAO = VCOMP = 2.5V
–7
mA
Output Sinking Current
VCAM = 3V, VCAO = VCOMP = 2.5V
17
mA
Oscillator
Initial Accuracy
TA = 25°C
324
360
396
kHz
0°C < TA < 70°C
300
360
420
kHz
Valley to Peak Voltage
1.67
V
Frequency Change With Voltage
10.8V < VIN < 15V
1
%
Output Section (GATEHI and GATELO)
Output Low Voltage
IGATE = –100mA
0.2
V
Output High Voltage
IGATE = 100mA
11.8
V
Rise Time
CGATE = 3.3nF, RSERIES = 10
20
80
ns
Fall Time
CGATE = 3.3nF, RSERIES = 10
15
80
ns


Similar Part No. - UCC2882-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2880 TI-UCC2880 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC2880-4 TI-UCC2880-4 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC2880-4 TI1-UCC2880-4 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC2880-4 TI1-UCC2880-4_08 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC2880-5 TI-UCC2880-5 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
More results

Similar Description - UCC2882-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3882 TI-UCC3882 Datasheet
277Kb / 16P
[Old version datasheet]   AVERAGE CURRENT MODE SYNCHRONOUS CONTROLLER WITH 5-BIT DAC
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com