Electronic Components Datasheet Search |
|
H5N2512FN Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
H5N2512FN Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 6 page H5N2512FN REJ03G1767-0100 Rev.1.00 Jul 02, 2009 Page 2 of 5 Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to Source breakdown voltage V(BR)DSS 250 — — V ID = 10 mA, VGS = 0 Zero gate voltage drain current IDSS — — 10 µA VDS = 250 V, VGS = 0 Gate to source leak current IGSS — — ±0.1 µA VGS = ±30 V, VDS = 0 Gate to source cutoff voltage VGS(off) 1.5 — 4.0 V VDS = 10 V, ID = 1 mA Forward transfer admittance |yfs| 9 16 — S ID = 9 A, VDS = 10 V Note4 Static drain to source on state resistance RDS(on) — 0.082 0.105 Ω ID = 9 A, VGS = 10 V Note4 Input capacitance Ciss — 2200 — pF Output capacitance Coss — 300 — pF Reverse transfer capacitance Crss — 85 — pF VDS = 25 V VGS = 0, f = 1 MHz Turn-on delay time td(on) — 32 — ns Rise time tr — 60 — ns Turn-off delay time td(off) — 160 — ns Fall time tf — 60 — ns ID = 9 A VGS = 10 V RL = 13.9 Ω Rg = 10 Ω Total gate charge Qg — 81 — nC Gate to source charge Qgs — 10 — nC Gate to drain charge Qgd — 38 — nC VDD = 200 V VGS = 10 V ID = 18 A Body-drain diode forward voltage VDF — 0.9 1.4 V IF = 18 A, VGS = 0 Note4 Body-drain diode reverse recovery time trr — 110 — ns Body-drain diode reverse recovery time Qrr — 0.39 — µC IF = 18 A, VGS = 0 diF/dt = 100 A/ µs Notes: 4. Pulse test |
Similar Part No. - H5N2512FN |
|
Similar Description - H5N2512FN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |