Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKZ2.7AKU Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RKZ2.7AKU
Description  Silicon Planar Zener Diode for Stabilized Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKZ2.7AKU Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKZ2.7AKU Datasheet HTML 1Page - Renesas Technology Corp RKZ2.7AKU Datasheet HTML 2Page - Renesas Technology Corp RKZ2.7AKU Datasheet HTML 3Page - Renesas Technology Corp RKZ2.7AKU Datasheet HTML 4Page - Renesas Technology Corp RKZ2.7AKU Datasheet HTML 5Page - Renesas Technology Corp RKZ2.7AKU Datasheet HTML 6Page - Renesas Technology Corp RKZ2.7AKU Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RKZ-KU Series
Preliminary
REJ03G1771-0100 Rev.1.00 Jul 13, 2009
Page 3 of 6
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
ESD-Capability
VZ (V) *
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
(kV) *
2
Part No.
Min
Max
IZ (mA)
Max
VR (V)
Max
IZT (mA)
Min
RKZ11AKU
10.18
10.71
9.67
RKZ11BKU
10.50
11.05
9.98
RKZ11CKU
10.82
11.38
10
0.07
10.28
30
10
30
RKZ12AKU
11.13
11.71
10.6
RKZ12BKU
11.44
12.03
10.9
RKZ12CKU
11.74
12.35
10
0.07
11.2
35
10
30
RKZ13AKU
12.11
12.75
11.5
RKZ13BKU
12.55
13.21
11.9
RKZ13CKU
12.99
13.66
10
0.07
12.3
35
10
30
RKZ15AKU
13.44
14.13
12.8
RKZ15BKU
13.89
14.62
13.2
RKZ15CKU
14.35
15.09
10
0.07
13.6
40
10
30
RKZ16AKU
14.80
15.57
14.1
RKZ16BKU
15.25
16.04
14.5
RKZ16CKU
15.69
16.51
10
0.07
14.9
40
10
30
RKZ18AKU
16.22
17.06
15.4
RKZ18BKU
16.82
17.70
16.0
RKZ18CKU
17.42
18.33
10
0.07
16.5
45
10
30
RKZ20AKU
18.05
18.96
17.1
RKZ20BKU
18.63
19.59
17.7
RKZ20CKU
19.23
20.22
18.3
RKZ20DKU
19.72
20.72
10
0.07
18.7
50
10
30
RKZ22AKU
20.15
21.20
19.1
RKZ22BKU
20.64
21.71
19.6
RKZ22CKU
21.08
22.17
20.0
RKZ22DKU
21.52
22.63
5
0.07
20.4
55
5
30
RKZ24AKU
22.05
23.18
20.9
RKZ24BKU
22.61
23.77
21.5
RKZ24CKU
23.12
24.31
22.0
RKZ24DKU
23.63
24.85
5
0.07
22.4
60
5
30
RKZ27AKU
24.26
25.52
23.0
RKZ27BKU
24.97
26.26
23.7
RKZ27CKU
25.63
26.95
24.3
RKZ27DKU
26.29
27.64
5
0.07
25.0
70
5
30
RKZ30AKU
26.99
28.39
25.6
RKZ30BKU
27.70
29.13
26.0
RKZ30CKU
28.36
29.82
26.9
RKZ30DKU
29.02
30.51
5
0.07
27.6
80
5
30
RKZ33AKU
29.68
31.22
28.2
RKZ33BKU
30.32
31.88
28.8
RKZ33CKU
30.90
32.50
29.4
RKZ33DKU
31.49
33.11
5
0.07
29.9
80
5
25
RKZ36AKU
32.14
33.79
30.5
RKZ36BKU
32.79
34.49
31.2
RKZ36CKU
33.40
35.13
31.7
RKZ36DKU
34.01
35.77
5
0.07
32.3
90
5
20
Notes: 1. Tested with pulse (PW = 40 ms)
2. C =150 pF, R = 330
Ω, Both forward and reverse direction 10 pulse
Failure criterion ; According to IR spec


Similar Part No. - RKZ2.7AKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKZ2.7B2KJ RENESAS-RKZ2.7B2KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results

Similar Description - RKZ2.7AKU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZ-N RENESAS-HZ-N Datasheet
99Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
SeCoS Halbleitertechnol...
HZ2A1 SECOS-HZ2A1 Datasheet
751Kb / 5P
   Silicon Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ2 RENESAS-HZ2 Datasheet
83Kb / 7P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KD RENESAS-RKZ-KD Datasheet
100Kb / 8P
   Silicon Planar Zener Diode for Stabilized Power Supply
RKZ-KU RENESAS-RKZ-KU Datasheet
216Kb / 9P
   Silicon Planar Zener Diode for Stabilized Power Supply
Jul 13, 2009
HZH RENESAS-HZH Datasheet
68Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZ11B1 HITACHI-HZ11B1 Datasheet
45Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZS RENESAS-HZS Datasheet
56Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Hitachi Semiconductor
HZS HITACHI-HZS Datasheet
39Kb / 6P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
logo
Renesas Technology Corp
HZ12C1 RENESAS-HZ12C1 Datasheet
55Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
Rev.3.00, Mar.11.2004,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com