Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3882-1 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC3882-1
Description  Average Current Mode Synchronous Controller With 5-Bit DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3882-1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC3882-1 Datasheet HTML 6Page - Texas Instruments UCC3882-1 Datasheet HTML 7Page - Texas Instruments UCC3882-1 Datasheet HTML 8Page - Texas Instruments UCC3882-1 Datasheet HTML 9Page - Texas Instruments UCC3882-1 Datasheet HTML 10Page - Texas Instruments UCC3882-1 Datasheet HTML 11Page - Texas Instruments UCC3882-1 Datasheet HTML 12Page - Texas Instruments UCC3882-1 Datasheet HTML 13Page - Texas Instruments UCC3882-1 Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
UCC2882/-1
UCC3882/-1
Demonstration Kit Design and Performance
A demonstration circuit was built based on the UCC3882
and utilizing an Intel VRM 8.1 form factor connector. The
schematic is shown in Figure 9 and the Bill of Materials
in Table 3. The circuit is configured for the following oper-
ating parameters:
• Switching Frequency = 225kHz
• Rated Output Current = 15A
• Short Circuit Current = 17A Nominal
• Output Voltage: 1.8V to 2.8V Configured by VID Code
• Airflow: 100 LFM
• Temperature: 0 to 60°C
• Regulation: Per Intel VRM 8.1 DC-DC Converter
Design Guidelines
Figures 12 - 14 show the performance of the circuit.
APPLICATION INFORMATION (continued)
REF
DESCRIPTION
PACKAGE
U1
Unitrode UCC3882 DAC/PWM
SOIC-28 WIDE
C01
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C02
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C03
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C04
Sprague/Vishay 595D475X0016A2B, 4.7uF 16V Tantalum
SPRAGUE Size A
C05
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C06
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C07
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C08
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C09
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
C10
0.10
µF Ceramic
1206 SMD
C11
0.10
µF Ceramic
1206 SMD
C12
0.01
µF Ceramic
0603 SMD
C13
0.01
µF Ceramic
0603 SMD
C14
0.01
µF Ceramic
0603 SMD
C15
0.10
µF Ceramic
1206 SMD
C17
68pF NPO Ceramic
0603 SMD
C18
1000pF Ceramic
0603 SMD
C19
220pF NPO Ceramic
0603 SMD
C20
Sanyo 6MV1500GX, 1500
µF, 6.3V, Aluminum Electrolytic
10x20mm Radial Can
CT
3900pF Ceramic
0603 SMD
J1
AMP 532956-7 40 Pin Connector
40 Pin
L1
Toroid T51-52C, 5 Turns #16AWG, 1.6
µH
Toroid
Q1
International Rectifier IRL3103, 30V, 56A
TO-220AB, layed down
Q2
International Rectifier IRL3103D1, 30V, 56A
TO-220AB, layed down
R01
5m
Ω, PCB Resistor
Copper Trace
R02
10k
Ω, 5%, 1/16 Watt
0603 SMD
R03
5.62k
Ω, 1%, 1/16 Watt
0603 SMD
R05
365k
Ω, 1%, 1/16 Watt
0603 SMD
R06
100k
Ω, 5%, 1/16 Watt
0603 SMD
R07
5.6k
Ω, 5%, 1/16 Watt
0603 SMD
R08
10k
Ω, 5%, 1/16 Watt
0603 SMD
R09
3.3
Ω, 5%, 1/16 Watt
0603 SMD
R10
3.3
Ω, 5%, 1/16 Watt
0603 SMD
Table 3. Bill of materials.


Similar Part No. - UCC3882-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3882-1 TI-UCC3882-1 Datasheet
277Kb / 16P
[Old version datasheet]   AVERAGE CURRENT MODE SYNCHRONOUS CONTROLLER WITH 5-BIT DAC
More results

Similar Description - UCC3882-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3882 TI-UCC3882 Datasheet
277Kb / 16P
[Old version datasheet]   AVERAGE CURRENT MODE SYNCHRONOUS CONTROLLER WITH 5-BIT DAC
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
UCC1839 TI-UCC1839 Datasheet
210Kb / 6P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UCC2839 TI1-UCC2839_13 Datasheet
252Kb / 7P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC3886N TI1-UC3886N Datasheet
206Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller IC
UC1849 TI-UC1849 Datasheet
542Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com