Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC29422 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC29422
Description  Multimode High Frequency PWM Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC29422 Datasheet(HTML) 3 Page - Texas Instruments

  UCC29422 Datasheet HTML 1Page - Texas Instruments UCC29422 Datasheet HTML 2Page - Texas Instruments UCC29422 Datasheet HTML 3Page - Texas Instruments UCC29422 Datasheet HTML 4Page - Texas Instruments UCC29422 Datasheet HTML 5Page - Texas Instruments UCC29422 Datasheet HTML 6Page - Texas Instruments UCC29422 Datasheet HTML 7Page - Texas Instruments UCC29422 Datasheet HTML 8Page - Texas Instruments UCC29422 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = −40°C to
85
°C for the UCC2942x, 0°C to 70°C for the UCC3942x, RT = 100 kΩ, VVPUMP = 6 V, VVIN = 3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIN Section
Minimum start−up voltage
1.5
1.8
V
Operating current
Not in PFM mode,
No load
35
60
µA
Sleep mode current
PFM mode,
No load
35
60
µA
Shutdown supply current
SYNC/SD = high
1.5
4
µA
Startup frequency
VIN = 1.8 V
60
120
190
kHz
Startup off time
VIN = 1.8 V
2
5
µs
Startup CS threshold
VIN = 1.8 V
36
56
mV
Minimum PUMP or VOUT voltage to exit
startup
2.2
2.5
2.8
V
VPUMP Section
Regulation voltage
VVOUT=3.3 V,
See Note 1
5.0
6.6
V
Operating current
Outputs OFF
100
275
µA
Sleep mode current
5
15
µA
Shutdown supply current
SYNC/SD = High,
VOUT = 3 V,
VVPUMP = 3 V
2
5
µA
CP voltage to turn-on pump switch
VVPUMP = 5 V
5.3
5.5
V
Pump switch Rds(on)
4
VOUT Section
Operating current
300
500
650
µA
Sleep mode current
50
100
150
µA
Shutdown supply current
SYNC/SD = High
1
2.2
µA
VPUMP to VOUT threshold to enable
N-channel rectifier
VOUT = 3.3 V
1.4
1.7
2.0
V
Error Amplifier Section
Regulation voltage
2 V < VIN < 5 V
1.205
1.235
1.265
V
FB input current
VFB = 1.25 V
100
350
nA
Max sinking current, IOL
VCOMP = 1 V,
VFB = regulation roltage +50 mV
6.5
13
20
µA
Max sourcing current, IOH
VCOMP = 0 V,
VFB = regulation voltage –50 mV
–20
–13
–6.5
µA
Transconductance
VFB = regulation voltage ±4 mV
150
270
370
µs
Unity gain bandwidth
CC = 330 pF,
See Note 1
100
kHz
Max output voltage
VFB = 0 V
1.6
1.9
2.3
V
Oscillator Section
RT = 350 kΩ
100
150
190
kHz
Frequency stability
RT = 100 kΩ
375
475
575
kHz
Frequency stability
RT = 35 kΩ
0.9
1.2
1.4
MHz
RT voltage
0.600
0.625
0.650
V
SYNC/shutdown threshold
0.9
1.2
1.6
V
SYNC input current
SYNC/SD = 2.5 V
200
nA
Minimum SYNC pulse width
See Note 1
50
ns
Maximum SYNC high time
To avoid shutdown
11
20
29
µs
SYNC range
fo = measured frequency at RT = 100 kΩ
1.1 fo
1.7 fo
kHz
NOTE 1: Ensured by design. Not production tested.


Similar Part No. - UCC29422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29422 TI-UCC29422 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results

Similar Description - UCC29422

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI1-UCC29421_15 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
   Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com