Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB800 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MSB800
Description  3.5-inch LX800 500MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSB800 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MSB800 Datasheet HTML 1Page - ADL Embedded Solutions MSB800 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.5-inch
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications
FEATURE
MSB800
MSB800LVDS
Part no. LX800
802200
802204 (may have long lead time)
CPU
LX800
LX800
ISA-BUS
-
-
PCI-BUS
yes (PCI/104), option
yes (PCI/104)
PCI Express-BUS
-
-
2nd Level cache (kB)
128
128
Performance (MHz)
500
500
DRAM Min-Max (MB)
128-1024
128-1024
CompactFlash socket
yes, type II
yes, type II
Keyboard/mouse (PS/2)
yes
yes
Boot drive
HD, CF, USB, LAN
HD, CF, USB, LAN
Floppy interface
-
-
IDE interface P-ATA
1x
1x
IDE interface S-ATA
-
-
COM1
RS232C (802205)
RS232C (802205)
COM2
RS232C (802205)
RS232C (802205)
COM3
-
-
COM4
-
-
LPT1
yes (802205)
yes (802205)
USB (2.0)
4x
4x
LAN port 1 incl. onboard transformer
10/100BASE-T
10/100BASE-T
LAN port 2 incl. onboard transformer
10/100BASE-T
10/100BASE-T
Audio
Stereo In/Out
Stereo In/Out
Video controller
LX800
LX800
Video memory (MB)
16 (UMA)
16 (UMA)
LCD interface
-
LVDS 24bit
DVI interface
-
-
CRT interface
yes
yes
Video input
yes
-
Watchdog
yes
yes
Power normal (typ.)
8V-30V/10W
8V-30V/10W
Power suspend
0.1W
0.1W
Power management
yes
yes
RTC battery onboard
900mAh (>10 years)
900mAh (>10 years)
Cooling type
passive
passive
Operating temperature
-25°C to +70°C*
-25°C to +70°C*
Extended operating temperature* (E48)
-40°C to +85°C*
-40°C to +85°C*
Size (W x L x H in mm)
146 x 102 x 20
146 x 102 x 20
Weight
165 g
165 g
MTBF
>200'000h
>200'000h
Special features 1
MiniPCI-socket
MiniPCI-socket
Special features 2
-
-
Special features 3
-
-
*With thermal coupling of the CPU to the metal housing or using 807045.


Similar Part No. - MSB800

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB81C MICRO-ELECTRONICS-MSB81C Datasheet
49Kb / 1P
   RED LED LAMPS
MSB81CA MICRO-ELECTRONICS-MSB81CA Datasheet
51Kb / 1P
   BRIGHTNESS RED LED LAMP
MSB81CA-1 MICRO-ELECTRONICS-MSB81CA-1 Datasheet
51Kb / 1P
   BRIGHTNESS RED LED LAMP
MSB81CA-2 MICRO-ELECTRONICS-MSB81CA-2 Datasheet
51Kb / 1P
   BRIGHTNESS RED LED LAMP
MSB81CA-3 MICRO-ELECTRONICS-MSB81CA-3 Datasheet
51Kb / 1P
   BRIGHTNESS RED LED LAMP
More results

Similar Description - MSB800

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
PCM-9375 ADVANTECH-PCM-9375 Datasheet
356Kb / 2P
   3.5" SBC w/ AMD LX800, VGA, LVDS, LCD
logo
AAEON Technology
GENE-5315W1 AAEON-GENE-5315W1 Datasheet
394Kb / 1P
   3.5??SubCompact Board with Onboard AMD Geode Tm LX800 Processor
logo
ADL Embedded Solutions
ADL3GQM67HDS ADL-ADL3GQM67HDS Datasheet
568Kb / 2P
   PCI Express 3.5-inch SBC
ADLQM67HDS ADL-ADLQM67HDS_15 Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
logo
Axiomtek Co., Ltd.
SBC84622 AXIOMTEK-SBC84622_17 Datasheet
123Kb / 1P
   3.5 Embedded SBC with AMD LX800, Dual LANs, 4 COM, 4 USB 2.0
logo
Advantech Co., Ltd.
PCM-9375 ADVANTECH-PCM-9375_12 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5" SBC, VGA, LVDS, LCD, Dual Ethernet, IDE, SATA, PC/104
PCM-9375 ADVANTECH-PCM-9375_15 Datasheet
788Kb / 2P
   AMD Geode??LX800 3.5" SBC, VGA,LVDS/TTL, Dual Ethernet, IDE, CF, PC/104
logo
ADL Embedded Solutions
MSB200 ADL-MSB200 Datasheet
205Kb / 2P
   3.5-inch Intel Atom 1.1GHz - 1.6GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com