Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC391 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC391
Description  5-Bit Programmable Output BiCMOS Precision Voltage Reference
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC391 Datasheet(HTML) 2 Page - Texas Instruments

  UCC391 Datasheet HTML 1Page - Texas Instruments UCC391 Datasheet HTML 2Page - Texas Instruments UCC391 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
UCC391
MSOP-8, TSSOP-8 (TOP VIEW)
P, PW Packages
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Input Voltage, D0, D1, D2, D3, D4 . . . . . . . . . . . . . . . . . . . . 8V
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages. All voltages are
referenced to GND.
GND
D4
D3
COMMAND
D1
D2
D0
VCC
1
2
3
4
8
7
6
5
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS: Unless otherwise specified these specifications hold for TA = 0°C to 70°C for the
UCC391, TA =TJ.VCC = 5V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current Section
Supply Current, On
VCC = 5V
1.8
mA
DAC Reference Section
COMMAND Voltage Accuracy
4.5V < VIN < 5.5V, measured on COMMAND, 0°C
< TA < 70°C (Note 1)
–1.00
1.00
%
D0 – D4 Voltage High
4.5
5
5.5
V
D0 – D4 Voltage Threshold
2.5
V
D0 – D4 Input Bias Current
V(D4, D3, D2, D1, D0) < 0.5V
–90
–20
µA
Output Current (Maximum Load)
IOUT (VCOMMAND)
0
150
µA
Note 1: Reference and output amplifier offsets are trimmed out before packaging.
GND: (Ground) All voltages measured with respect to
ground. VCC should be bypassed directly to GND with a
0.1
µF or larger ceramic capacitor.
VCC: (Positive supply voltage) This pin is normally con-
nected to a 5V
± 10% system voltage. Bypass VCC di-
rectly to GND with a 0.1
µF (minimum) ceramic capacitor.
COMMAND: This pin is the output of the IC. It is con-
trolled by the 5-bit input word (D0:D4). This output will
have a
±1% system accuracy over temperature, process,
and input voltage.
D0, D1, D2, D3, D4: These are the digital input control
codes for the DAC. The DAC is comprised of two ranges
set by D4, with D0 representing the least significant bit
(LSB) and D3, the most significant bit (MSB). A bit is set
low by being connected to GND; a bit is set high by float-
ing the pin. Each control pin is pulled up to approximately
5V by an internal pull-up. If all ones are commanded on
the DAC inputs (no CPU command), the output will be
disabled.
PIN DESCRIPTIONS


Similar Part No. - UCC391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
UCC3911-1 TI-UCC3911-1 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
UCC3911-2 TI-UCC3911-2 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
UCC3911-3 TI-UCC3911-3 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
UCC3911-4 TI-UCC3911-4 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
More results

Similar Description - UCC391

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI1-UCC3588_10 Datasheet
266Kb / 15P
[Old version datasheet]   5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
AD584 AD-AD584 Datasheet
304Kb / 8P
   Pin Programmable Precision Voltage Reference
REV. A
JM3851012801BGA AD-JM3851012801BGA Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584 AD-AD584_12 Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
AD584TH AD-AD584TH Datasheet
515Kb / 12P
   Pin Programmable, Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
MX584 MAXIM-MX584 Datasheet
296Kb / 8P
   Pin Programmable Precision Voltage Reference
Rev 1; 8/96
MX584 MAXIM-MX584_V01 Datasheet
642Kb / 11P
   Pin-Programmable, Precision Voltage Reference
2004
logo
Microsemi Corporation
LX1670 MICROSEMI-LX1670 Datasheet
192Kb / 7P
   5 - BIT PROGRAMMABLE VOTAGE REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com