Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1807PW-2 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC1807PW-2
Description  Programmable Maximum Duty Cycle PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1807PW-2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC1807PW-2 Datasheet HTML 3Page - Texas Instruments UCC1807PW-2 Datasheet HTML 4Page - Texas Instruments UCC1807PW-2 Datasheet HTML 5Page - Texas Instruments UCC1807PW-2 Datasheet HTML 6Page - Texas Instruments UCC1807PW-2 Datasheet HTML 7Page - Texas Instruments UCC1807PW-2 Datasheet HTML 8Page - Texas Instruments UCC1807PW-2 Datasheet HTML 9Page - Texas Instruments UCC1807PW-2 Datasheet HTML 10Page - Texas Instruments UCC1807PW-2 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC3807N-3G4
ACTIVE
PDIP
P
8
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-NC-NC-NC
UCC3807PWTR-3
PREVIEW
TSSOP
PW
14
2000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
4-Nov-2005
Addendum-Page 2


Similar Part No. - UCC1807PW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC1807-2 TI1-UCC1807-2 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
UCC1807-3 TI1-UCC1807-3 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
More results

Similar Description - UCC1807PW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
Renesas Technology Corp
EL7571 RENESAS-EL7571 Datasheet
847Kb / 19P
   Programmable PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com