Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC388 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC388
Description  LOW-DROPOUT 200-mA LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC388 Datasheet(HTML) 6 Page - Texas Instruments

  UCC388 Datasheet HTML 1Page - Texas Instruments UCC388 Datasheet HTML 2Page - Texas Instruments UCC388 Datasheet HTML 3Page - Texas Instruments UCC388 Datasheet HTML 4Page - Texas Instruments UCC388 Datasheet HTML 5Page - Texas Instruments UCC388 Datasheet HTML 6Page - Texas Instruments UCC388 Datasheet HTML 7Page - Texas Instruments UCC388 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UCC386, UCC387, UCC388
LOW DROPOUT 200mA LINEAR REGULATOR
SLUS377B - JULY 1999 - REVISED MAY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
maximum load recovery (continued)
CRITICAL LOAD CURRENT
vs
OUTPUT CAPACITANCE
100
0
40
80
120
160
200
20
60
140
180
UCC387
UCC386
CO - Output Capacitance - F
Figure 2.
using OFFB
The OFFB pin is used to turn the output of the LDO on or off from some external source. There are two things
to note when using this pin. The first is that after taking OFFB high (on), the LDO will require up to about 2 ms
to start and stabilize. The second item is that OFFB is designed to be driven from an open-drain-type output.
Internally, this pin is pulled high by a weak 100-nA current source, and will normally be at the input supply
voltage, so the driving circuitry must be able to withstand the voltage applied to the input of the regulator. Also,
depending upon load, if the OFFB pin is driven (overriding the internal pull-up) high with a fast edge signal, there
may be a brief pulse on the output, followed by no output, with the regulator coming on and stabilizing about
2 ms after the OFFB pin was driven high. This output pulse is never more than the normal output voltage of the
regulator and is about 200
µs in length.


Similar Part No. - UCC388

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC388 TI1-UCC388 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
UCC3880-4 TI-UCC3880-4 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC3880-4 TI1-UCC3880-4 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI-UCC3880-5 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI1-UCC3880-5 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
More results

Similar Description - UCC388

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
129Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. A
ADP3303AR-27 AD-ADP3303AR-27 Datasheet
382Kb / 8P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
ADP3303 AD-ADP3303 Datasheet
125Kb / 8P
   High Accuracy anyCAP??200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV742P TI1-TLV742P_18 Datasheet
538Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
logo
Analog Devices
ADP3303ARZ-5 AD-ADP3303ARZ-5 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
ADP3303ARZ-3 AD-ADP3303ARZ-3 Datasheet
382Kb / 9P
   High Accuracy anyCAP 200 mA Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com