Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3830PWM-4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3830PWM-4
Description  5-Bit Microprocessor Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3830PWM-4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3830PWM-4 Datasheet HTML 1Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 2Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 3Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 4Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 5Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 6Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 7Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 8Page - Texas Instruments UCC3830PWM-4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
UCC3830-4/-5/-6
The curves shown in Figures 1 and 2 depict the typical
high gain-bandwidth products for the UCC3830-x Voltage
Amplifier, Current Amplifier and Current Sense Ampli-
fiers. These high gain-bandwidth devices help achieve
an excellent transient response to load and line changes.
TYPICAL PERFORMANCE CURVES
Figure 1. Open loop gain for UCC3830 voltage and
current amplifier.
Figure 2. Current sense amplifier gain vs frequency.
Short Circuit Current Limit
The short circuit current limit, ISC, is set according to:
ISC =
1.28V
RSENSE • GCSA
where RSENSE is the average current sense resistor and
GCSA is the current sense amplifier gain. GCSA equals
15.
Example: Choose RSENSE to set the short circuit limit at
17A using the UCC3830-5
RSENSE =
1.28V
17A • 15
= 0.005
Ω.
A lower resistance value may be needed if the AC ripple
current in the inductor is more than 20% of the load cur-
rent.
APPLICATION INFORMATION
Figure 3. Short circuit foldback reduces stress on
circuit components by reducing short circuit current.
VSENSE (Output Voltage Sensing Input): This pin is
connected to the system output voltage through a low
pass filter. When the voltage on VSENSE rises above or
falls below the COMMAND voltage by 8.5%, the
PWRGOOD
output
is
driven
low
to
reset
the
microprocessor. When the voltage on VSENSE rises
above the COMMAND voltage by 17.5%, the OVP
comparator pulls the current amplifier output voltage
below the oscillator valley voltage to force zero duty
cycle at the GATE output. This pin is also used by the
foldback current limiting circuitry.
PIN DESCRIPTIONS (cont.)


Similar Part No. - UCC3830PWM-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383 TI1-UCC383 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC383-3 TI-UCC383-3 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC383-3 TI-UCC383-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC3830PWM-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC3588 TI1-UCC3588_10 Datasheet
266Kb / 15P
[Old version datasheet]   5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com