Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39421N Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC39421N
Description  Multimode High Frequency PWM Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC39421N Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC39421N Datasheet HTML 2Page - Texas Instruments UCC39421N Datasheet HTML 3Page - Texas Instruments UCC39421N Datasheet HTML 4Page - Texas Instruments UCC39421N Datasheet HTML 5Page - Texas Instruments UCC39421N Datasheet HTML 6Page - Texas Instruments UCC39421N Datasheet HTML 7Page - Texas Instruments UCC39421N Datasheet HTML 8Page - Texas Instruments UCC39421N Datasheet HTML 9Page - Texas Instruments UCC39421N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
RESET: This is the open drain output of the reset comparator. (UCC39422 only) and is active low.
RT: A resistor from this pin to ground programs the frequency of the pulse width modulator.
Frequency (MHz)
^
50
R
T
(k
W)
SYNC/SD: This pin has two functions. It may be used to synchronize the UCC39421’s switching frequency to
an external clock, or to shutdown the IC entirely. In shutdown, the quiescent current is reduced to just a few
microamps (both external FETs are turned off). To shutdown the converter, this pin must be held high (above
2.0 V) for a minimum of 29
µs. If not used, this pin should be grounded.
To synchronize the internal oscillator to an external source, the SYNC/SD pin must be driven with a clock pulse,
with a minimum amplitude of 2.0 V. The internal circuitry syncs to the rising edge of the external clock. The clock
pulse width is not critical (must be 50 ns minimum).
Note: When coming out of shutdown (or during power-up), the SYNC/SD pin must be held low for a minimum
of 200
µs before applying an external clock to ensure startup.
VPUMP: This is the output of the charge pump. For applications requiring a charge pump, connect a 1-
µF
capacitor from this pin to ground. Otherwise, connect this pin to the higher of VIN or VOUT, and decouple with
a 0.1-
µF capacitor.
VOUT: Connect this pin to the output voltage. This input is used for sensing the voltage across the synchronous
rectifier and for supplying power to internal circuitry and should be decoupled with a 0.1-
µF capacitor.
VIN: This is the input power pin of the device. Connect this pin to the input voltage source. A 0.1-
µF decoupling
capacitor should be connected between this pin and ground.
VDET: This is the non-inverting input to an uncommitted comparator. This input may be used for detecting a
low-battery condition. (UCC39422 only)


Similar Part No. - UCC39421N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39421NG4 TI1-UCC39421NG4 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results

Similar Description - UCC39421N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI1-UCC29421_15 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
   Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com