Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC39421N Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC39421N
Description  Multimode High Frequency PWM Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC39421N Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC39421N Datasheet HTML 5Page - Texas Instruments UCC39421N Datasheet HTML 6Page - Texas Instruments UCC39421N Datasheet HTML 7Page - Texas Instruments UCC39421N Datasheet HTML 8Page - Texas Instruments UCC39421N Datasheet HTML 9Page - Texas Instruments UCC39421N Datasheet HTML 10Page - Texas Instruments UCC39421N Datasheet HTML 11Page - Texas Instruments UCC39421N Datasheet HTML 12Page - Texas Instruments UCC39421N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UCC29421, UCC29422, UCC39421, UCC39422
MULTIMODE HIGHFREQUENCY PWM CONTROLLER
SLUS246C − OCTOBER 1999 − REVISED FEBRUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
low power mode
During normal operation, at medium to high load currents, the switching frequency remains fixed, programmed
by the resistor on the RT pin. At these higher loads, the gate drive output on the CHRG pin (for the N-channel
charge FET) is the higher of VIN or VPUMP. When the load current drops (sensed by a drop in the error amp
voltage), the UCC39421 automatically enters LP mode, and the gate drive voltage on the CHRG pin is reduced
to lower gate drive losses. This helps to maintain high efficiency at light loads where the gate drive losses begin
to dominate and the lowest possible Rds(on) is not required. If the load increases, normal or “high power” mode
resumes. The expression for gate drive power loss is given by equation (1). It can be seen that the power varies
as a function of the applied gate voltage squared.
P
GATELOSS +
Q
G
V
G
2
f
V
S
(1)
Where QG is the total gate charge and VS is the gate voltage specified in the MOSFET manufacturer’s data
sheet, VG is the applied gate drive voltage, and f is the switching frequency.
The nominal COMP voltage where LP mode is entered is 0.6 V. Given the internal offset and gain of the
current-sense amplifier, this corresponds to a peak switch current of:
I
PEAK +
(0.6
* 0.3)
K
R
SENSE
+
0.03
R
SENSE
(2)
Where 0.6 V is the threshold for LP mode, 0.3 V is the internal offset, K is the nominal current-sense amplifier
gain of 10, and RSENSE is the value of the current-sense resistor. If the peak inductor current is below this value,
the UCC39421 enters LP mode and the gate drive voltage on the CHRG pin is equal to VIN. At peak currents
higher than this, the gate drive voltage is the higher of VIN or VPUMP.
PFM mode
At very light loads, the UCC39421 enters PFM mode. In this mode, when the error amplifier output voltage drops
below the PFM threshold, the controller goes into sleep mode until VOUT has dropped slightly (30 mV measured
at the feedback pin). At this time, the controller turns back on and operates at fixed frequency for a short duration
(typically a few hundred microseconds) until the output voltage has increased and the error amplifier output
voltage has dropped below the PFM threshold once again. Then the converter turns off and the cycle repeats.
This results in a very low duty cycle of operation, reducing all losses and greatly improving light load efficiency.
During sleep mode, most of the circuitry internal to the UCC39421 is powered down, reducing quiescent current
and maximizing efficiency.
The peak inductor current at which this mode is entered is user programmable by setting the voltage on the PFM
pin. This can be done with a single resistor in series with the feedback divider, as shown in the application
diagrams. The nominal peak current threshold for PFM mode is defined by the equation:
I
PEAK ^
1.25
R1
R1
)R2
* 0.3
K
R
SENSE
(3)


Similar Part No. - UCC39421N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC39421NG4 TI1-UCC39421NG4 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
More results

Similar Description - UCC39421N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC29421 TI1-UCC29421_15 Datasheet
984Kb / 39P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
UCC39422NG4 TI-UCC39422NG4 Datasheet
981Kb / 40P
[Old version datasheet]   MULTIMODE HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000 TI-TPS43000 Datasheet
347Kb / 26P
[Old version datasheet]   MULTI TOPLOGY HIGH FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
International Rectifier
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Infineon Technologies A...
ICE5ASAG INFINEON-ICE5ASAG Datasheet
1Mb / 29P
   Fixed Frequency PWM Controller
V 2.2 2018-03-02
logo
Feeling Technology Corp...
FP5003 FEELING-FP5003 Datasheet
532Kb / 19P
   High Frequency PWM Controller With Short Circuit Restart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com