Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3830DW-5 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC3830DW-5
Description  5-Bit Microprocessor Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3830DW-5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3830DW-5 Datasheet HTML 2Page - Texas Instruments UCC3830DW-5 Datasheet HTML 3Page - Texas Instruments UCC3830DW-5 Datasheet HTML 4Page - Texas Instruments UCC3830DW-5 Datasheet HTML 5Page - Texas Instruments UCC3830DW-5 Datasheet HTML 6Page - Texas Instruments UCC3830DW-5 Datasheet HTML 7Page - Texas Instruments UCC3830DW-5 Datasheet HTML 8Page - Texas Instruments UCC3830DW-5 Datasheet HTML 9Page - Texas Instruments UCC3830DW-5 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
UCC3830-4/-5/-6
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 • FAX (603) 424-3460
REFERENCE
DESIGNATOR
DESCRIPTION
PACKAGE
Q1
International Rectifier IRL3103, 30V, 56A
TO-220AB
R1
Dale/Vishay WSR-2 0.005
Ω 1%
SMD Power Package
R2
10
Ω, 5%, 1/16 Watt
0603 SMD
R3
8.2k
Ω, 5%, 1/16 Watt
0603 SMD
R4
6.81k
Ω, 1%, 1/16 Watt
0603 SMD
R5
3.92k
Ω, 1%, 1/16 Watt
0603 SMD
R6
261k
Ω, 1%, 1/16 Watt
0603 SMD
R7
100k
Ω, 1%, 1/16 Watt
0603 SMD
R8
3.92k
Ω, 1%, 1/16 Watt
0603 SMD
R9
10.5k
Ω, 1%, 1/16 Watt
0603 SMD
Q1-HS
AAVID 576802 TO-220 Heat Sink
TO-220AB
CR1-HS
AAVID 577002 TO-220 Heat Sink
TO-220AB
Table I. Parts list. (cont.)


Similar Part No. - UCC3830DW-5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC383 TI1-UCC383 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC383-3 TI-UCC383-3 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC383-3 TI-UCC383-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC383-3 TI1-UCC383-3 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
More results

Similar Description - UCC3830DW-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC3588 TI1-UCC3588_10 Datasheet
266Kb / 15P
[Old version datasheet]   5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com