Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42510A Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # 42510A
Description  Wide Range Mini InfraRed Thermometer with Laser Pointer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42510A Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button 42510A Datasheet HTML 2Page - Extech Instruments Corporation. 42510A Datasheet HTML 3Page - Extech Instruments Corporation. 42510A Datasheet HTML 4Page - Extech Instruments Corporation. 42510A Datasheet HTML 5Page - Extech Instruments Corporation. 42510A Datasheet HTML 6Page - Extech Instruments Corporation. 42510A Datasheet HTML 7Page - Extech Instruments Corporation. 42510A Datasheet HTML 8Page - Extech Instruments Corporation. 42510A Datasheet HTML 9Page - Extech Instruments Corporation. 42510A Datasheet HTML 10Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
42510A V3.2 9/08
6
IR Measurement Notes
1. The object under test should be larger than the spot (target) size calculated by the field
of view diagram (printed on the side of the meter and in this guide).
2. Before measuring, be sure to clean surfaces that are covered with frost, oil, grime, etc.
3. If an object's surface is highly reflective, apply masking tape or flat black paint to the
surface before measuring. Allow time for the paint or tape to adjust to the temperature
of the surface it is covering.
4. Measurements through transparent surfaces such as glass may not be accurate.
5. Steam, dust, smoke, etc. can obscure measurements.
6. The meter automatically compensates for deviations in ambient temperature. However,
it can take up to 30 minutes for the meter to adjust to extremely wide changes.
7. To find a hot spot, aim the meter outside the area of interest then scan across (in an up
and down or side to side motion) until the hot spot is located.
Field of View
The meter’s field of view is 12:1. For example, if the meter is 24 inches from the target
(spot), the diameter of the target must greater than 2 inches. Other distances are shown in
the field of view diagram. Measurements should normally be made as close as possible to
the device under test. The meter can measure from moderate distances but the
measurement may be affected by external sources of light. In addition, the spot size may
be so large that it encompasses surface areas not intended to be measured.
1”
@12”
2”
@24”
4”
@48”
2.54cm
@30.5cm
5cm
@61cm 10cm
@122cm


Similar Part No. - 42510A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
logo
Tyco Electronics
42510-1 MACOM-42510-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42510-2 MACOM-42510-2 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Cooper Bussmann, Inc.
42510ESDA-TR1 COOPER-42510ESDA-TR1 Datasheet
338Kb / 2P
   Four-Channel ESD Suppressor PolySurg??42510ESDA-TR1
logo
Eaton All Rights Reserv...
42510ESDA-TR1 EATON-42510ESDA-TR1 Datasheet
551Kb / 2P
   ESD suppressor four-channel
More results

Similar Description - 42510A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42515 EXTECH-42515 Datasheet
181Kb / 10P
   Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
42540A EXTECH-42540A Datasheet
332Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
logo
Roithner LaserTechnik G...
SHP980-25F ROITHNER-SHP980-25F Datasheet
381Kb / 3P
   Infrared Laser Pointer
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
logo
Roithner LaserTechnik G...
SHP980-25 ROITHNER-SHP980-25 Datasheet
371Kb / 3P
   Infrared Laser Pointer
PIL-808 ROITHNER-PIL-808 Datasheet
101Kb / 2P
   Infrared Diode Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com