Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42512 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # 42512
Description  Dual Laser InfraRed (IR) Thermometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42512 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  42512 Datasheet HTML 1Page - Extech Instruments Corporation. 42512 Datasheet HTML 2Page - Extech Instruments Corporation. 42512 Datasheet HTML 3Page - Extech Instruments Corporation. 42512 Datasheet HTML 4Page - Extech Instruments Corporation. 42512 Datasheet HTML 5Page - Extech Instruments Corporation. 42512 Datasheet HTML 6Page - Extech Instruments Corporation. 42512 Datasheet HTML 7Page - Extech Instruments Corporation. 42512 Datasheet HTML 8Page - Extech Instruments Corporation. 42512 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
42512 V7.0 03/08
4
Operating Instructions
Temperature Measurements
1. Hold the meter by its handle and point it toward the surface to be measured.
2. Pull and hold the trigger to turn the meter on and begin testing. The temperature
reading, MAX temperature reading, the ‘SCAN’ icon, the emissivity value, and the unit
of measure will appear.
3. Release the Trigger and the reading will hold for approximately 7 seconds (HOLD will
appear on the LCD) after which the meter will automatically shut off. The only
exception to this is if the LOCK mode is set to ON.
Note
: Select the temperature units (ºF/ºC) using the switch inside the battery
compartment
Dual Laser Pointer
The dual laser pointers are designed to cross at a
distance of 30” (76cm). The spot size at this distance is
a 1” diameter and this is the recommended distance to
target for most measurements. To turn the lasers
on/off:
1. Press and release the Trigger
2. While HOLD is on the display, press the laser
button
once to turn on the lasers on or off.
3. The laser icon
will appear in the LCD when the
laser function is enabled.
4. The status of the laser will be stored in memory
and will remain as the “turn-on” condition until
changed.


Similar Part No. - 42512

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
425122MA SUYIN-USA-425122MA Datasheet
117Kb / 1P
   4.25mm PITCH 2 PIN BATTERY CONNECTOR SMT TYPE
More results

Similar Description - 42512

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42511 EXTECH-42511 Datasheet
306Kb / 11P
   Dual Laser InfraRed (IR) Thermometer
42509 EXTECH-42509 Datasheet
268Kb / 1P
   12inch distance Dual Laser InfraRed Thermometer
logo
Klein Tools, Inc.
IR5 KLEIN-IR5 Datasheet
2Mb / 2P
   12:1 Dual-Laser Infrared Thermometer
Rev. 03/16 A
logo
Extech Instruments Corp...
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
42515 EXTECH-42515 Datasheet
181Kb / 10P
   Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
   IR Thermometer
logo
Extech Instruments Corp...
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com