Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42515 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 42515
Description  Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42515 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  42515 Datasheet HTML 1Page - Extech Instruments Corporation. 42515 Datasheet HTML 2Page - Extech Instruments Corporation. 42515 Datasheet HTML 3Page - Extech Instruments Corporation. 42515 Datasheet HTML 4Page - Extech Instruments Corporation. 42515 Datasheet HTML 5Page - Extech Instruments Corporation. 42515 Datasheet HTML 6Page - Extech Instruments Corporation. 42515 Datasheet HTML 7Page - Extech Instruments Corporation. 42515 Datasheet HTML 8Page - Extech Instruments Corporation. 42515 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Model 42515 V4.1 1/08
2
Introduction
Congratulations on your purchase of the Model 42515 IR Thermometer. The Model 42515
IR thermometer measures and displays non-contact (infrared) temperature readings up to
1472
oF (800oC). The built-in laser pointer increases target accuracy while the backlit LCD
and handy push-buttons combine for convenient, ergonomic operation. The Type K
thermocouple input provides contact measurements up to 2498
oF (1370oC)*. The
adjustable emissivity feature allows the IR thermometer to measure the temperature of
virtually any surface. Proper use and care of this meter will provide years of reliable
service.
* The supplied thermocouple is rated for 482
oF (250oC).
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in parts and
workmanship for three years from date of shipment (a six month limited warranty applies on sensors and
cables). If it should become necessary to return the instrument for service during or beyond the warranty
period, contact the Customer Service Department at (781) 890-7440 ext. 210 for authorization or visit our
website at www.extech.com (click on ‘Contact Extech’ and go to ‘Service Department’ to request an RA
number). A Return Authorization (RA) number must be issued before any product is returned to Extech. The
sender is responsible for shipping charges, freight, insurance and proper packaging to prevent damage in
transit. This warranty does not apply to defects resulting from action of the user such as misuse, improper
wiring, operation outside of specification, improper maintenance or repair, or unauthorized modification. Extech
specifically disclaims any implied warranties or merchantability or fitness for a specific purpose and will not be
liable for any direct, indirect, incidental or consequential damages. Extech's total liability is limited to repair or
replacement of the product. The warranty set forth above is inclusive and no other warranty, whether written or
oral, is expressed or implied.
Safety
Use extreme caution when the laser pointer is on
Do not point the beam toward anyone's eye or allow
the beam to strike the eye from a reflective surface
Do not use the laser near explosive gases or in other
potentially explosive areas


Similar Part No. - 42515

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
4251 ASM-SENSOR-4251 Datasheet
4Mb / 12P
   HIGH-END- und HIGH-PERFORMANCE-MULTIMETER
logo
Heyco.
4251 HEYCO-4251 Datasheet
93Kb / 1P
   Drive Fasteners
logo
Extech Instruments Corp...
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
logo
Tyco Electronics
42510-1 MACOM-42510-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42510-2 MACOM-42510-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

Similar Description - 42515

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
42510 EXTECH-42510 Datasheet
161Kb / 4P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42510A EXTECH-42510A Datasheet
210Kb / 10P
   Wide Range Mini InfraRed Thermometer with Laser Pointer
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
42540A EXTECH-42540A Datasheet
332Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
42535 EXTECH-42535 Datasheet
92Kb / 4P
   Mini IR Thermometer with Type K Input
42511 EXTECH-42511 Datasheet
306Kb / 11P
   Dual Laser InfraRed (IR) Thermometer
42512 EXTECH-42512 Datasheet
213Kb / 10P
   Dual Laser InfraRed (IR) Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com