Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

341350 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 341350
Description  pH/Conductivity Meter with TDS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

341350 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  341350 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2009 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
2/12/09- R1
Exclusive Oyster Design
Can be used in the lab or in the field
pH/Conductivity Meter with TDS
Features:
0.5" LCD built into adjustable "flip-up" cover
Front panel slope, calibration and temperature controls
Rugged design for handheld or benchtop
use; neckstrap for "hands-free" operation
Measure pH from 0.01 to 14.00pH with accuracy of 0.02pH and
Conductivity from 10 to 19,990μS with accuracy of 0.5%
TDS from 10 to 19,990ppm (mg/L)
Manually temperature compensated (0 to 100°C)
Dimensions/Weight: 3.7 x 4.2 x 2" (96 x 108 x 45mm) / 12oz (340g)
Complete with mini pH electrode, sample buffers,
choice of glass or polymer conductivity cell for TDS or
Conductivity, 9V battery, neckstrap and carrying case
Adjustable “Flip-up” display
Ordering Information:
341350-P ..............pH/Conductivity Plus TDS Kit (Polymer cell)
341350-P-NIST......pH/Conductivity Plus TDS Kit (Polymer) w/NIST
341350 ..................pH/Conductivity Plus TDS (glass cell)
341350-NIST ........pH/Conductivity Plus TDS Meter w/NIST
“Hands-free” operation
Series
The


Similar Part No. - 341350

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
   pH/Conductivity/TDS/ORP/Salinity Meter
More results

Similar Description - 341350

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
   pH/Conductivity / TDS / Salinity / Temperature Meter
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
   pH/Conductivity/TDS/ORP/Salinity Meter
EC400 EXTECH-EC400 Datasheet
187Kb / 11P
   Conductivity / TDS / Salinity / Temperature Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
   Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
   Waterproof ExStik짰 II pH/Conductivity Meter
DO610 EXTECH-DO610_15 Datasheet
190Kb / 1P
   ExStik짰 II DO/pH/Conductivity Kit
PH50 EXTECH-PH50 Datasheet
113Kb / 1P
   pH Waterproof Meter
DO610 EXTECH-DO610 Datasheet
190Kb / 1P
   ExStik II DO/pH/Conductivity Kit
PH220-C EXTECH-PH220-C_15 Datasheet
242Kb / 1P
   Waterproof Palm pH??Meter
PH220A EXTECH-PH220A Datasheet
116Kb / 9P
   Waterproof Palm pH Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com