Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380193 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 380193
Description  Passive Component LCR Meter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380193 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  380193 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2007-2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
5/12/09 - R1
Measures Inductance, Capacitance, and Resistance
With secondary parameter Q (Quality), D (Dissipation), R (Resistance)
Passive Component LCR Meter
Ordering Information:
380193 ........Passive Component LCR Meter
153117 ........117VAC adaptor
153220 ........230VAC adaptor
Features:
Simultaneous 20,000/10,000 count
backlit display of the primary parameter
(L, C or R) with the secondary parameter of
Q (quality), D (dissipation) or R (resistance)
Set Hi/Lo limits using absolute values or
percentage limits
Parallel or Series equivalent circuit
Max/Min/Avg; Auto power off with disable
Automatic blown fuse indication
Built-in test fixture or use external test leads
Open and Short Zero removes unwanted stray
impedances from the measurement
Relative mode, zero, or supplied reference
Complete with test leads, 9V battery, software,
cable, and protective holster
Built-in RS-232 with
Windows
® 95/98/NT/2000/XP
compatible software.
Specifications
Ranges
Basic Accuracy
Inductance
2000.0μH, 20.000mH, 200.00mH, 2000.0mH
±(0.7%rdg + Lx/10000 + 5 digit)
20.000H, 200.00H, 2000.0H, 10000H
(DF<0.5)
Capacitance
2000.0pF, 20.000nF, 200.00nF, 2000.0nF
±(0.7%rdg + 5 digit)
20.000μF, 200.00μF, 2000.0μF, 10.000mF
(DF<0.1)
Resistance
20.000W, 200.00W, 2.0000kW, 20.000kW,
±(0.5%rdg + 8 digit)
200.00kW, 2.0000MW, 10.000MW
DF (with C)
0 to 0.9999
±(0.7%rdg + 100/Cx + 5 digit)
Q
0 to 9999
±(1.2%rdg + 100/Lx + 5 digit)
Test Frequency
120Hz and 1kHz
Dimensions
7.56 x 3.58 x 2.1” (19.2 x 9.1 x 5.25cm)
Weight
12.87oz (365g)


Similar Part No. - 380193

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380193 EXTECH-380193_15 Datasheet
871Kb / 1P
   Passive Component LCR Meter
More results

Similar Description - 380193

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
LCR200 EXTECH-LCR200 Datasheet
227Kb / 1P
   Passive Component LCR Meter
380193 EXTECH-380193_15 Datasheet
871Kb / 1P
   Passive Component LCR Meter
logo
ASM GmbH
IM3536 ASM-SENSOR-IM3536 Datasheet
1Mb / 16P
   LCR METER
logo
Keysight Technologies
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
   Precision LCR Meter
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
   Precision LCR Meter
February 2023
logo
Keysight Technologies
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
   Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
   Precision LCR Meter
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
   Precision LCR Meter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com