Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380363 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 380363
Description  Insulation Tester / Megohmmeter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380363 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  380363 Datasheet HTML 1Page - Extech Instruments Corporation. 380363 Datasheet HTML 2Page - Extech Instruments Corporation. 380363 Datasheet HTML 3Page - Extech Instruments Corporation. 380363 Datasheet HTML 4Page - Extech Instruments Corporation. 380363 Datasheet HTML 5Page - Extech Instruments Corporation. 380363 Datasheet HTML 6Page - Extech Instruments Corporation. 380363 Datasheet HTML 7Page - Extech Instruments Corporation. 380363 Datasheet HTML 8Page - Extech Instruments Corporation. 380363 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Model 380363 Version 2.0 July 2005
2
Safety
1.
Circuits under test must be de-energized and isolated before connections are made
(except for voltage measurements).
2.
Circuit connections must not be touched during a test. Use extreme caution when
working near bare conductors and bus bars. Accidental contact with conductors could
result in electrical shock.
3.
Use caution when working near voltages above 60VDC or 30VACrms.
4.
After insulation tests, capacitors must be discharged.
5.
Test leads (including alligator clips) must be in good working order, clean and without
broken or cracked insulation.
6.
When servicing, use only specified replacement parts.
International Safety Symbols
Caution, refer to this manual before using this meter
Dangerous Voltages
Meter is protected throughout by double or reinforced insulation
Specifications
General specifications
Display
3-3/4 digit (4000 count) LCD
Sampling rate
1 reading per second
Test ranges
Resistance: 4M
Ω, 40MΩ, 400MΩ, 4000MΩ, 10GΩ
Test Voltages: 250V, 500V, 1000V
AC/DC Voltage range
999V
Resistance range
9999
Lo Resistance range
40
Over range indicator
‘OL’ displayed when measurement exceeds range
Zero adjust
Automatic
Memory
Nine (9) data records
Low battery indicator
‘BT’ symbol displayed when battery voltage is low
Power source
Six (6) 1.5 ‘AA’ batteries
Power consumption
20 to 95mA (depending upon function)
Fuse protection
0.5A / 600V fast blow fuse
Operating conditions
32 to 122
oF (0 to 50oC); 80% RH
Dimensions
9.3 x 4.6 x 2.1” (235 x 116 x 54mm)
Weight
1.15 lbs (520g)
Safety ratings
Pollution degree 2; indoor use; CE marked;
Meets IEC 61010-1 and IEC 61557 standards
Category Rating
CAT III-1000V


Similar Part No. - 380363

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380363 EXTECH-380363_15 Datasheet
205Kb / 1P
   Digital Insulation Tester
More results

Similar Description - 380363

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380260 EXTECH-380260 Datasheet
216Kb / 8P
   Insulation Tester / Megohmmeter
logo
IET Labs Inc.
1865 IET-1865 Datasheet
193Kb / 2P
   Megohmmeter/IR Tester
Dec. 2018
logo
Extech Instruments Corp...
380366 EXTECH-380366 Datasheet
230Kb / 1P
   Insulation Tester Datalogger
380320 EXTECH-380320 Datasheet
249Kb / 1P
   Analog Insulation Tester
380363 EXTECH-380363_15 Datasheet
205Kb / 1P
   Digital Insulation Tester
380395 EXTECH-380395 Datasheet
185Kb / 1P
   Digital High Voltage Insulation Tester
380375 EXTECH-380375 Datasheet
200Kb / 8P
   Digital High Voltage Insulation Tester
380396 EXTECH-380396 Datasheet
185Kb / 1P
   Digital High Voltage Insulation Tester
380360 EXTECH-380360 Datasheet
303Kb / 1P
   Digital Megohmmeter
MG500 EXTECH-MG500 Datasheet
616Kb / 1P
   MG500 Digital High Voltage Insulation Tester
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com