Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380385 Datasheet(PDF) 5 Page - Extech Instruments Corporation.

Part # 380385
Description  10KV Digital High Voltage Insulation Tester
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380385 Datasheet(HTML) 5 Page - Extech Instruments Corporation.

  380385 Datasheet HTML 1Page - Extech Instruments Corporation. 380385 Datasheet HTML 2Page - Extech Instruments Corporation. 380385 Datasheet HTML 3Page - Extech Instruments Corporation. 380385 Datasheet HTML 4Page - Extech Instruments Corporation. 380385 Datasheet HTML 5Page - Extech Instruments Corporation. 380385 Datasheet HTML 6Page - Extech Instruments Corporation. 380385 Datasheet HTML 7Page - Extech Instruments Corporation. 380385 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
380385 V1.5 3/04
5
Operation
Powering the meter
Press the
ON button to turn the unit on. Press the OFF button to turn the unit off.
Insulation Resistance Measurements
Warning: The circuit under test must be completely de-energized and isolated before
making test connections.
1. After turning the unit on, the display will prompt the user
to select a test voltage (diagram at right).
2. Select the test voltage by pressing one of the preset
voltage buttons (
1KV, 2.5KV, 5KV, 10KV) or by pressing the Voltage Adjust buttons
(
500+, 500-) to step through the available test voltages in 500V steps.
3. The resistance range for the selected voltage is indicated on the dot matrix display as
shown above.
4. Press the
TEST START / STOP button again.
5. The display will prompt the user to connect the leads.
Press the
TEST START/STOP button to start testing.
6. The elapsed test time appears on the upper line (right
hand side) of the display. The resistance reading is shown on the upper left hand side
of the display. The lower line shows the test voltage in bargraph format (see diagram
at right).
7. The HOLD icon will appear in place of the bargraph
when the test is complete and the voltage has been
discharged.
WARNING: DO NOT REMOVE THE TEST LEADS BEFORE THE HOLD DISPLAY
APPEARS.
8. The meter automatically discharges the system at the end of the test.
9. The meter automatically powers down after 5 minutes.
The Enersave
TM Mode
Enersave
TM
mode conserves battery life by performing a relatively short test (10 seconds).
The Enersave
TM
mode is the default test mode. To bypass this mode and run a longer test
(100 seconds max), press and hold the
TEST button for 3 seconds when starting a test.
Bargraph Voltage Display
The bargraph represents the voltage present on the test leads as it rises, soaks, and
decays. The bargraph appears on the lower left of the dot matrix display during a test.
Automatic Under/Over Range Resistance Detect
If the display shows the message “LOW M
Ω”, the test should be interrupted immediately
by pressing the
TEST button. This message indicates that the insulation under test has
broken down and the meter is trying to inject a high potential onto a short circuit. If ‘HIGH’
appears, it is likely that the test configuration is open. Check the test set-up then test
again.
Elapsed Timer
The test duration is indicated on the display. This is particularly useful in determining
whether an insulating material under test will break down in a given amount of time.
Select Voltage:
250000M
Ω V = 5000V
Connect Leads . . . .
. . . . . . Press TEST
R=9.998M
6.8s
0> ██████
<500V


Similar Part No. - 380385

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3803 RENESAS-3803 Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3803 RENESAS-3803 Datasheet
310Kb / 26P
   8-bit MICROCOMPUTER 38000 Series
logo
Altech corporation
38032 ALTECH-38032 Datasheet
120Kb / 2P
   ONE PHASE POWER DISTRIBUTION BLOCKS
logo
Extech Instruments Corp...
380320 EXTECH-380320 Datasheet
249Kb / 1P
   Analog Insulation Tester
380340 EXTECH-380340 Datasheet
178Kb / 1P
   Battery Operated Datalogger
More results

Similar Description - 380385

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380395 EXTECH-380395 Datasheet
185Kb / 1P
   Digital High Voltage Insulation Tester
380375 EXTECH-380375 Datasheet
200Kb / 8P
   Digital High Voltage Insulation Tester
380396 EXTECH-380396 Datasheet
185Kb / 1P
   Digital High Voltage Insulation Tester
MG500 EXTECH-MG500 Datasheet
616Kb / 1P
   MG500 Digital High Voltage Insulation Tester
380363 EXTECH-380363_15 Datasheet
205Kb / 1P
   Digital Insulation Tester
logo
Cynergy3 Co
D-HR CYNERGY3-D-HR Datasheet
73Kb / 2P
   High Insulation Resistance, High Voltage Relays -10kV and 15kV
logo
Extech Instruments Corp...
380363 EXTECH-380363 Datasheet
442Kb / 10P
   Insulation Tester / Megohmmeter
380366 EXTECH-380366 Datasheet
230Kb / 1P
   Insulation Tester Datalogger
380320 EXTECH-380320 Datasheet
249Kb / 1P
   Analog Insulation Tester
380260 EXTECH-380260 Datasheet
216Kb / 8P
   Insulation Tester / Megohmmeter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com