Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

380905 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 380905
Description  2000A AC/DC Clamp-on Adaptor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

380905 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  380905 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
Copyright © 2008 Extech Instruments Corporation. All rights reserved including the right of reproduction in whole or in part in any form.
www.extech.com
8/08/08 - R1
AC/DC Current measurements to 2000A
Using virtually any MultiMeter with standard banana plug sockets
2000A AC/DC Clamp-on Adaptor
Ordering Information:
380905 ............2000A AC/DC Clamp-on Adaptor
380905-NIST....2000A AC/DC Clamp-on Adaptor with NIST Certificate
Features:
3.3" (83mm) clamp jaw
Measures AC/DC Current in two ranges:
0 to 200A and 0 to 2000A and converts it to
1mV/count for reading current on any
multimeter or voltage recorder
Banana plugs connect into standard
multimeter sockets and switch multimeter
to a millivolt or voltage range
DC zero adjust; Outputs 1mV/A
2% basic accuracy
Dims: 8.3 x 2.5 x 1.3" (210 x 64 x 33mm)
Weight: 0.91lb (414g)
Complete with 9V battery,
1.8ft (570mm) cable with banana plugs;
one year warranty
Banana plugs connect into standard multimeter sockets


Similar Part No. - 380905

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380900 EXTECH-380900 Datasheet
243Kb / 1P
   Dual Channel, Datalogging, True RMS MultiMeter
More results

Similar Description - 380905

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380926 EXTECH-380926 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
   2000A AC/DC Clamp Meter
CA200 EXTECH-CA200 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
CA200 EXTECH-CA200_15 Datasheet
297Kb / 1P
   200A AC Clamp-on Adaptor
CA250 EXTECH-CA250 Datasheet
103Kb / 1P
   400A AC/DC Current Clamp-on MultiMeter Adaptor
logo
ASM GmbH
3288 ASM-SENSOR-3288 Datasheet
445Kb / 2P
   CLAMP ON AC/DC HiTESTER
3284 ASM-SENSOR-3284 Datasheet
1Mb / 2P
   CLAMP ON AC/DC HiTESTER
3290 ASM-SENSOR-3290 Datasheet
1Mb / 4P
   CLAMP ON AC/DC HiTESTER
logo
Extech Instruments Corp...
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
38387 EXTECH-38387 Datasheet
274Kb / 1P
   AC and AC/DC Clamp-on Ammeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com