Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381277 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 381277
Description  DMM Temperature Adaptor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

381277 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  381277 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features:
Type K adaptor is °C/°F switchable
with 1mVper 1° output
Use DC 200mV range of DMM to obtain
readings from 0 to 2000°F and -20 to 1370°C
3% accuracy up to 223°F and
5% accuracy for higher ranges
Dimensions: 3x2x1" (76x51x25mm);
Weight: 5 oz. (142g)
Complete with fast response bead wire probe
(max 650°F). MultiMeter not included.
DMM Temperature Adaptor
Plugs into any multimeter for direct temperature readings
Ordering Information
381277
............Temperature Adapter
872501
............Spare Bead Wire Temperature Probe
409992
............Vinyl Pouch Carrying Case
EXTECH INSTRUMENTS CORPORATION
285 Bear Hill Road, Waltham, MA 02451-1064, U.S.A.
Phone: 781-890-7440 • FAX 781-890-7864
ISO 9001:2000 CERTIFIED
07/13/05 - R1
Product
DATASHEET
“Make mine an Extech!
www.extech.com


Similar Part No. - 381277

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381277 EXTECH-381277 Datasheet
177Kb / 1P
   600A AC/DC ClampMultiMeter
More results

Similar Description - 381277

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51972 CYRUSTEK-ES51972 Datasheet
925Kb / 19P
   3400 AUTO DMM
logo
HYCON Technology Corpor...
HY12P65 HYCON-HY12P65 Datasheet
710Kb / 26P
   DMM Specialized IC
logo
Cyrustek corporation
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
logo
HYCON Technology Corpor...
HY12P66 HYCON-HY12P66 Datasheet
666Kb / 26P
   DMM Specialized IC
logo
Cyrustek corporation
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
   4000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES51971 CYRUSTEK-ES51971 Datasheet
830Kb / 16P
   3400 AUTO DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
logo
Extech Instruments Corp...
DM220 EXTECH-DM220 Datasheet
326Kb / 15P
   Pocket Autoranging DMM
logo
List of Unclassifed Man...
ES51972 ETC-ES51972 Datasheet
917Kb / 19P
   3400 AUTO DMM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com