Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381285 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # 381285
Description  Handheld MultiScope
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

381285 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  381285 Datasheet HTML 1Page - Extech Instruments Corporation. 381285 Datasheet HTML 2Page - Extech Instruments Corporation. 381285 Datasheet HTML 3Page - Extech Instruments Corporation. 381285 Datasheet HTML 4Page - Extech Instruments Corporation. 381285 Datasheet HTML 5Page - Extech Instruments Corporation. 381285 Datasheet HTML 6Page - Extech Instruments Corporation. 381285 Datasheet HTML 7Page - Extech Instruments Corporation. 381285 Datasheet HTML 8Page - Extech Instruments Corporation. 381285 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
V2.0 03/05
2
Table of Contents
Section
Page
Warranty
3
Safety
4
Specifications
5
Symbols and Annunciators
8
Soft Keys and Sub Menus
8
Operation (Oscilloscope)
10
AC and DC Voltage
10
Time/Div
11
Volt/Div
11
Trigger
11
More
11
Single
11
Glitch
12
Position
12
Cursor
13
Operation (Digital Multimeter)
14
AC and DC Volts
14
Resistance
15
Continuity
15
Diode
15
AC and DC Current
16
Capacitance
16
Relative
17
Avg Min Max
17
Peak Hold
17
Limit
18
Sig. Out
18
Frequency Counter, Duty Cycle and Dwell
19
Automotive RPM
19
Logic Analyzer
19
Set Up
20
Aux
20
Backlight
21
Auto/Manual Range
21
Help
21
Print
21
Tilt Stand
21
RS232 Commuincations
22
Maintenance
23
Battery Replacement
23
Fuse Replacement


Similar Part No. - 381285

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812 WELWYN-3812 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
IRC - a TT electronics ...
3812 IRCTT-3812 Datasheet
129Kb / 2P
   Ultra-High Value Precision Resistor
logo
TT Electronics.
3812 TTELEC-3812 Datasheet
443Kb / 2P
   Low voltage coefficient
3812 TTELEC-3812 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
Toshiba Semiconductor
3812-000219 TOSHIBA-3812-000219 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - 381285

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A KEYSIGHT-N8834A Datasheet
2Mb / 11P
   MultiScope Application
logo
Extech Instruments Corp...
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Extech Instruments Corp...
380260 EXTECH-380260_15 Datasheet
213Kb / 1P
   Handheld Megohmmeter
logo
Keysight Technologies
N9912A-312 KEYSIGHT-N9912A-312 Datasheet
2Mb / 34P
   Handheld Analyzer
logo
Pepperl+Fuchs Inc.
OHV110-F228-R2 PF-OHV110-F228-R2 Datasheet
835Kb / 5P
   Handheld reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com