Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

381285 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 381285
Description  Handheld MultiScope
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

381285 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  381285 Datasheet HTML 1Page - Extech Instruments Corporation. 381285 Datasheet HTML 2Page - Extech Instruments Corporation. 381285 Datasheet HTML 3Page - Extech Instruments Corporation. 381285 Datasheet HTML 4Page - Extech Instruments Corporation. 381285 Datasheet HTML 5Page - Extech Instruments Corporation. 381285 Datasheet HTML 6Page - Extech Instruments Corporation. 381285 Datasheet HTML 7Page - Extech Instruments Corporation. 381285 Datasheet HTML 8Page - Extech Instruments Corporation. 381285 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
V2.0 03/05
3
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User’s Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Extech Instruments Corporation, 285 Bear Hill Rd., Waltham, MA 02451
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects
in parts and workmanship for one year from date of shipment (a six month limited
warranty applies on sensors and cables). If it should become necessary to return the
instrument for service during or beyond the warranty period, contact the Customer
Service Department at (781) 890-7440 ext. 210 for authorization or visit our website at
www.extech.com (click on ‘Contact Extech’ and go to ‘Service Department’ to request an
RA number). A Return Authorization (RA) number must be issued before any product is
returned to Extech. The sender is responsible for shipping charges, freight, insurance
and proper packaging to prevent damage in transit. This warranty does not apply to
defects resulting from action of the user such as misuse, improper wiring, operation
outside of specification, improper maintenance or repair, or unauthorized modification.
Extech specifically disclaims any implied warranties or merchantability or fitness for a
specific purpose and will not be liable for any direct, indirect, incidental or consequential
damages. Extech's total liability is limited to repair or replacement of the product. The
warranty set forth above is inclusive and no other warranty, whether written or oral, is
expressed or implied.
Calibration and Repair Services
Extech offers repair and calibration services for the products we sell. Extech also provides
NIST certification for most products. Call the Customer Service Department for information
on calibration services available for this product. Extech recommends that annual
calibrations be performed to verify meter performance and accuracy.
Copyright © 2005 Extech Instruments Corporation
All rights reserved including the right of reproduction in whole or in part in any form.


Similar Part No. - 381285

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812 WELWYN-3812 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
IRC - a TT electronics ...
3812 IRCTT-3812 Datasheet
129Kb / 2P
   Ultra-High Value Precision Resistor
logo
TT Electronics.
3812 TTELEC-3812 Datasheet
443Kb / 2P
   Low voltage coefficient
3812 TTELEC-3812 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
Toshiba Semiconductor
3812-000219 TOSHIBA-3812-000219 Datasheet
5Mb / 70P
   COLOUR TELEVISION
More results

Similar Description - 381285

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A KEYSIGHT-N8834A Datasheet
2Mb / 11P
   MultiScope Application
logo
Extech Instruments Corp...
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Extech Instruments Corp...
380260 EXTECH-380260_15 Datasheet
213Kb / 1P
   Handheld Megohmmeter
logo
Keysight Technologies
N9912A-312 KEYSIGHT-N9912A-312 Datasheet
2Mb / 34P
   Handheld Analyzer
logo
Pepperl+Fuchs Inc.
OHV110-F228-R2 PF-OHV110-F228-R2 Datasheet
835Kb / 5P
   Handheld reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com