Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3911DP-3G4 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC3911DP-3G4
Description  Lithium-Ion Battery Protector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3911DP-3G4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC3911DP-3G4 Datasheet HTML 2Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 3Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 4Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 5Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 6Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 7Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 8Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 9Page - Texas Instruments UCC3911DP-3G4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UCC3911-1, UCC3911-2
UCC3911-3, UCC3911-4
SLUS429B– FEBRUARY 2000 – REVISED NOVEMBER 2002
6
www.ti.com
functional block diagram
UDG–99173
16
14
B2
B1
CELL
VOLTAGE
INPUT
SELECT
10
11
REFERENCE
VOLTAGE
SELECT
AND
COMPARE
B0
B0
REFERENCE
AND
THERMAL
SHUTDOWN
RSENSE
15
CDLY
STATE
MACHINE
CLOCK
8
3
LPWARN
UV
2OV
TS
4
SQ
R
9CE
CE
CLOCK
SHORT CIRCUIT
PROTECTION
CHARGE
PUMP
EN
SCP
ENABLE
LOGIC
CE
SCP
OV
UV
+
UV
OV
6
GND
7
GND
4
SUBS
5
SUBS
12
SUBS
13
SUBS
UV
OV
UV
OV
SLEEP
MODE
CONTROLLER
TS
CLOCK
UV
50 mV
SLP
1NC
100 mV


Similar Part No. - UCC3911DP-3G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC391 TI-UCC391 Datasheet
40Kb / 3P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Precision Voltage Reference
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
UCC3912DP TI-UCC3912DP Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
UCC3912DP TI1-UCC3912DP Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912DPG4 TI-UCC3912DPG4 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
More results

Similar Description - UCC3911DP-3G4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com