Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

382280 Datasheet(PDF) 10 Page - Extech Instruments Corporation.

Part # 382280
Description  Programmable DC Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

382280 Datasheet(HTML) 10 Page - Extech Instruments Corporation.

Back Button 382280 Datasheet HTML 2Page - Extech Instruments Corporation. 382280 Datasheet HTML 3Page - Extech Instruments Corporation. 382280 Datasheet HTML 4Page - Extech Instruments Corporation. 382280 Datasheet HTML 5Page - Extech Instruments Corporation. 382280 Datasheet HTML 6Page - Extech Instruments Corporation. 382280 Datasheet HTML 7Page - Extech Instruments Corporation. 382280 Datasheet HTML 8Page - Extech Instruments Corporation. 382280 Datasheet HTML 9Page - Extech Instruments Corporation. 382280 Datasheet HTML 10Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Version 1.6 7/04
10
Support line (781) 890-7440
Technical support: Extension 200; E-mail: support@extech.com
Repair & Returns: Extension 210; E-mail: repair@extech.com
Product specifications subject to change without notice
For the latest version of this User’s Guide, Software updates, and other
up-to-the-minute product information, visit our website: www.extech.com
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects
in parts and workmanship for one year from date of shipment (a six month limited warranty
applies to sensors and cables). If it should become necessary to return the instrument for
service during or beyond the warranty period, contact the Customer Service Department at
(781) 890-7440 ext. 210 for authorization or visit our website www.extech.com for contact
information. A Return Authorization (RA) number must be issued before any product is
returned to Extech. The sender is responsible for shipping charges, freight, insurance and
proper packaging to prevent damage in transit. This warranty does not apply to defects
resulting from action of the user such as misuse, improper wiring, operation outside of
specification, improper maintenance or repair, or unauthorized modification. Extech
specifically disclaims any implied warranties or merchantability or fitness for a specific
purpose and will not be liable for any direct, indirect, incidental or consequential damages.
Extech's total liability is limited to repair or replacement of the product. The warranty set
forth above is inclusive and no other warranty, whether written or oral, is expressed or
implied.
Calibration and Repair Services
Extech offers repair and calibration services for the products we sell. Extech also
provides NIST certification for most products. Call the Customer Service Department for
information on calibration services available for this product. Extech recommends that
annual calibrations be performed to verify meter performance and accuracy.
Copyright © 2004 Extech Instruments Corporation
All rights reserved including the right of reproduction in whole or in part in any form.


Similar Part No. - 382280

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382280 EXTECH-382280_15 Datasheet
178Kb / 1P
   Precision with Programmable 200 Watt Output DC Power Supply
More results

Similar Description - 382280

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPP-1326 GWINSTEK-GPP-1326 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
logo
ITECH ELECTRONIC CO.,LT...
IT6900A ITECH-IT6900A Datasheet
1Mb / 3P
   IT6900A Wide-range Programmable DC Power Supply
logo
Monolithic Power System...
MEZDPD3603A MPS-MEZDPD3603A Datasheet
1Mb / 10P
   Programmable 36V DC/DC Power Supply up to 3A
logo
Powerbox
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
logo
Extech Instruments Corp...
382280 EXTECH-382280_15 Datasheet
178Kb / 1P
   Precision with Programmable 200 Watt Output DC Power Supply
logo
Powerbox
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com