Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

401050 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 401050
Description  AC/DC Voltage Detector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

401050 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  401050 Datasheet HTML 1Page - Extech Instruments Corporation. 401050 Datasheet HTML 2Page - Extech Instruments Corporation. 401050 Datasheet HTML 3Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
User’s Guide
Model 401050 AC/DC Voltage Detector
Safety Precautions
1. Improper use of this meter can cause damage, shock, injury or death. Read this guide before use.
2. The tester should not be used to test voltages above the stated ranges.
3. Secure the battery compartment screw before use.
4. Inspect the condition of the tester for any damage before use.
5. Remove the batteries from the meter if the meter is to be stored for long periods.
6. For Indoor use only
International Safety Symbols
Refer to the user’s guide for information.
Hazardous voltages may be present
Battery Replacement
1. Using a screwdriver, remove the battery compartment screw cap (end
of handle) to access the batteries.
2. Remove the spring from inside the battery compartment and set it
aside.
3. Remove the batteries, noting their polarity and orientation.
4. Insert the two new LR41 batteries in the same orientation and polarity.
The positive + side of both batteries must be facing up toward the
opening of the battery compartment. If the batteries are not replaced in
this position, the instrument will not operate.
5. Replace the battery compartment spring.
6. Replace and secure the compartment screw cap.
Specifications
AC Voltage (contact) test………….70 to 250VAC
AC Voltage (non-contact) test….... 70 to 600VAC (single sheathed insulation, single conductor)
DC Voltage / Polarity test……..….. 1.5V to 36V
Continuity test………………..……. 0 to 5M ohms
Batteries………………………...….. Two (2) LR41
Battery
Compartment
Positive
side
up


Similar Part No. - 401050

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
40105005 WURTH-40105005 Datasheet
291Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.001
40105010 WURTH-40105010 Datasheet
210Kb / 3P
   WE-TGF Thermal Gap Filler Pad
001.000
More results

Similar Description - 401050

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
40130 EXTECH-40130_15 Datasheet
272Kb / 1P
   AC Voltage Detector
DV30 EXTECH-DV30 Datasheet
39Kb / 1P
   AC VOLTAGE DETECTOR
40130 EXTECH-40130 Datasheet
272Kb / 1P
   AC Voltage Detector
DV30 EXTECH-DV30 Datasheet
222Kb / 1P
   Adjustable AC Voltage Detector
DV20 EXTECH-DV20_15 Datasheet
218Kb / 1P
   AC Voltage Detector/Flashlight
DVA30 EXTECH-DVA30 Datasheet
147Kb / 4P
   AC Voltage and Current Detector
logo
Pomona Electronics
7290 POMONA-7290 Datasheet
94Kb / 1P
   LumaVolt, Non Contact AC Voltage Detector
logo
Extech Instruments Corp...
DV25 EXTECH-DV25 Datasheet
49Kb / 1P
   Dual Range AC Voltage Detector Flashlight
DV25 EXTECH-DV25_15 Datasheet
194Kb / 1P
   CAT IV AC Voltage Detector Flashlight
MA100 EXTECH-MA100 Datasheet
202Kb / 1P
   200A AC Mini Clamp Meter/Voltage Detector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com