Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

17LE-13150-26D4CC-FA Datasheet(PDF) 1 Page - DDK Ltd.

Part # 17LE-13150-26D4CC-FA
Description  D-Sub Right Angle DIP Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17LE-13150-26D4CC-FA Datasheet(HTML) 1 Page - DDK Ltd.

  17LE-13150-26D4CC-FA Datasheet HTML 1Page - DDK Ltd. 17LE-13150-26D4CC-FA Datasheet HTML 2Page - DDK Ltd. 17LE-13150-26D4CC-FA Datasheet HTML 3Page - DDK Ltd. 17LE-13150-26D4CC-FA Datasheet HTML 4Page - DDK Ltd. 17LE-13150-26D4CC-FA Datasheet HTML 5Page - DDK Ltd. 17LE-13150-26D4CC-FA Datasheet HTML 6Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
・17LE series are connected to a circuit by through hole DIP solder termination style mounting
on PCB and fastened on the bracket by stud or jack socket.
・Number of contact : 9, 15, 25 and 37
・Studs and hex nuts are available to fasten with mating half. This connection with PCB and
metal shell is grounding and improving the resistance against EMI.
・The metal shell is in Nickel plating. The pin connectors of metal shell are beat-finished.
・4 types of ground tabs are mountable on the bracket for protection against EMI.
RoHS
Compliant
RoHS
RoHS
Compliant
Compliant
D-Sub Right Angle DIP Termination
17LE Series
17LE-13150-2 □ -FA
17LE-23250-2 □ -FA
17LE-13370-2 □ -FA
090703
FEATURES
Rated Voltage
300V AC (r.m.s.)
Rated Current
5A / Contact
Dielectric Withstanding Voltage
1000V AC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω (min.) at 500V DC
Contact Resistance
15m Ω (max.)
Operating Temperature
-25℃∼ 85℃
SPECIFICATIONS
Item
Material / Finish
Insulator
Polyamide Resin (UL94V-0)/ Black
Shell
Steel / Ni Plating
Contact
Copper Alloy / Contact Area: Au(0.4 μ m) over Ni Plating
Tail Area: Sn-Ag Plating over Ni Plating
Eyelet
Brass / Ni Plating
MATERIAL / FINISH


Similar Part No. - 17LE-13150-26D4CC-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-13150-27(D2AB)-FA DDK-17LE-13150-27(D2AB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27(D2AC)-FA DDK-17LE-13150-27(D2AC)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27(D2AD)-FA DDK-17LE-13150-27(D2AD)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27(D2BB)-FA DDK-17LE-13150-27(D2BB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
17LE-13150-27(D2BC)-FA DDK-17LE-13150-27(D2BC)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
More results

Similar Description - 17LE-13150-26D4CC-FA

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
17LE-1390-27(D2AB)-FA DDK-17LE-1390-27(D2AB)-FA Datasheet
826Kb / 6P
   D-Sub Right Angle DIP Termination
logo
SUYIN USA, INC.
070913FR SUYIN-USA-070913FR Datasheet
153Kb / 1P
   SLIM TYPE D-SUB RIGHT ANGLE DIP TYPE
070921MR SUYIN-USA-070921MR Datasheet
158Kb / 1P
   ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
070912FR SUYIN-USA-070912FR Datasheet
158Kb / 1P
   SLIM TYPE D-SUB HIGH DENSITY RIGHT ANGLE DIP TYPE
070911MR SUYIN-USA-070911MR Datasheet
150Kb / 1P
   SLIM TYPE ULTRA THIN D-SUB RIGHT ANGLE DIP TYPE
logo
Adam Technologies, Inc.
125SH-A-XX-TR ADAM-TECH-125SH-A-XX-TR Datasheet
108Kb / 1P
   WAFER DIP RIGHT ANGLE
DE09-SL-27-R ADAM-TECH-DE09-SL-27-R Datasheet
108Kb / 1P
   RIGHT ANGLE FEMALE D-SUB
DXXX-PL-24-EMI ADAM-TECH-DXXX-PL-24-EMI Datasheet
110Kb / 1P
   D-SUB RIGHT ANGLE MALE
DXXX-SL-23 ADAM-TECH-DXXX-SL-23 Datasheet
104Kb / 1P
   D-SUB RIGHT ANGLE PCB
DXXX-SL-24-F ADAM-TECH-DXXX-SL-24-F Datasheet
107Kb / 1P
   D-SUB RIGHT ANGLE PCB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com