Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407113 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # 407113
Description  Heavy Duty CFM Thermo-Anemometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407113 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  407113 Datasheet HTML 1Page - Extech Instruments Corporation. 407113 Datasheet HTML 2Page - Extech Instruments Corporation. 407113 Datasheet HTML 3Page - Extech Instruments Corporation. 407113 Datasheet HTML 4Page - Extech Instruments Corporation. 407113 Datasheet HTML 5Page - Extech Instruments Corporation. 407113 Datasheet HTML 6Page - Extech Instruments Corporation. 407113 Datasheet HTML 7Page - Extech Instruments Corporation. 407113 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Model 407113 V3.2 07/07
3
Range Specifications
Air Velocity Measurements
Range
Resolution
Accuracy (%rdg)
m/s (meters per second)
0.50 - 35.0 m/s
0.01 m/s<10
0.1 m/s >10
± (2% + 0.2m/s)
km/h (kilometers per hour)
1.8 – 126.0 km/h
0.1 km/h
± (2% + 0.8km/h)
ft/min (feet per minute)
100 – 6890 ft/min
1 ft/min
± (2% + 40ft/min)
mph (miles per hour)
1.1 – 78.3 mph
0.1 mph
± (2% + 0.4m/h)
knots (nautical miles per hour )
1.0 to 68 knots
0.1 knots
± (2% + 0.4knots)
Air Flow Measurements
Range
Resolution
Area
CMM (cubic meters per minute)
0-999,900 m
3/min
0.001 to 100
0 to 9,999m
2
CFM (cubic feet per minute)
0-999,900 ft
3/min
0.001 to 100
0 to 9,999ft
2
Air Temperature
Range
Resolution
Accuracy
32 to 175
oF (0 to 80oC)
0.1
o F/C
1.5
oF (0.8oC)


Similar Part No. - 407113

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407113 EXTECH-407113_15 Datasheet
470Kb / 1P
   Heavy Duty CFM Metal Vane Anemometer
More results

Similar Description - 407113

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD300 EXTECH-HD300 Datasheet
226Kb / 13P
   Heavy Duty CFM-CMM Thermo-Anemometer
407119 EXTECH-407119 Datasheet
461Kb / 1P
   Heavy Duty Hot Wire CFM Thermo-Anemometer
407119A EXTECH-407119A Datasheet
395Kb / 12P
   Heavy Duty Hot Wire CFM Thermo-Anemometer
407117 EXTECH-407117 Datasheet
329Kb / 6P
   Heavy Duty Mini Vane CFM Thermo Anemometer
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
   CFM/CMM Thermo Anemometer
407123 EXTECH-407123_15 Datasheet
331Kb / 1P
   Heavy Duty Hot Wire Thermo-Anemometer
407113 EXTECH-407113_15 Datasheet
470Kb / 1P
   Heavy Duty CFM Metal Vane Anemometer
SDL350 EXTECH-SDL350 Datasheet
201Kb / 2P
   Hot Wire CFM Thermo-Anemometer/Datalogger
AN100 EXTECH-AN100_15 Datasheet
265Kb / 1P
   CFM/CMM Thermo-Anemometer IR Thermometer
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
   CFM/CMM Thermo Anemometer InfraRed Thermometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com