Electronic Components Datasheet Search |
|
407227 Datasheet(PDF) 3 Page - Extech Instruments Corporation. |
|
407227 Datasheet(HTML) 3 Page - Extech Instruments Corporation. |
3 / 6 page Model 407227 Ver. 2.1 Oct. 2002 Page 3 Temperature Compensation For accurate pH measurements and calibration, the temperature of the solution under test must be known. This can be accomplished manually or automatically. Read through the steps for each (below) and determine that best method for the application at hand: Automatic Temperature Compensation NOTE: For Automatic Compensation, the supplied thermometer must be used. Perform these steps before each use or when the temperature of the solution under test changes. The thermometer can remain in the solution while taking pH measurements in order to track temperature changes and compensate for them if necessary. 1. Select ‘pH ATC’ on the meter’s front panel slide-switch. 2. Plug the supplied thermometer into the meter’s temperature sensor input jack. 3. Place the other end of the thermometer into the solution under test. 4. Perform a pH Calibration or take a pH measurement as described later in the manual. Manual Temperature Compensation NOTE: For Manual Compensation, an external thermometer is required (separate from the one supplied with the meter). Perform these steps before each use or when the temperature of the solution under test changes 1. Place a thermometer in the solution under test and note the reading. 2. Select ‘pH MTC’ on the meter’s front panel slide-switch. 3. Press the "MTC" key and 25.0 oC will display on the LCD temperature display line. Using the ">>" key (for 1 oC steps) and the ">" key (for 0.1oC steps), edit the displayed temperature. Continue editing until the displayed temperature equals the measured temperature that was noted earlier. 4. Perform pH calibration or pH measurement normally. Calibrating a new thermometer 1. Connect the thermometer to the meter’s temperature sensor input jack. 2. Select "pH ATC" via the meter’s front panel slide-switch. 3. Place the temperature probe and a mercury thermometer in water. 4. Adjust VR6 (inside the battery compartment, see diagram below) until the displayed value matches the mercury thermometer reading. VR6 Inside battery compartment |
Similar Part No. - 407227 |
|
Similar Description - 407227 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |