Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407355 Datasheet(PDF) 6 Page - Extech Instruments Corporation.

Part # 407355
Description  Noise Dosimeter with PC Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407355 Datasheet(HTML) 6 Page - Extech Instruments Corporation.

Back Button 407355 Datasheet HTML 2Page - Extech Instruments Corporation. 407355 Datasheet HTML 3Page - Extech Instruments Corporation. 407355 Datasheet HTML 4Page - Extech Instruments Corporation. 407355 Datasheet HTML 5Page - Extech Instruments Corporation. 407355 Datasheet HTML 6Page - Extech Instruments Corporation. 407355 Datasheet HTML 7Page - Extech Instruments Corporation. 407355 Datasheet HTML 8Page - Extech Instruments Corporation. 407355 Datasheet HTML 9Page - Extech Instruments Corporation. 407355 Datasheet HTML 10Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
407355 Version 2.4 9/07
6
9. Use the MODE button at any time to view the elapsed time of the test. Press the
MODE button until the TIME display icon appears. Now the elapsed time will appear in
hours and minutes. Press the RUN button again to return to the %DOSE display.
10. To end the noise survey, press and hold the RUN key for 3 seconds. Read the
accumulated noise exposure value on the LCD.
11. Testing notes:
Never shout into the microphone as this will affect the test.
To obtain reliable data, the user’s activities must reflect a typical working day.
For best results, test over the course of several days and average the %DOSE
Refer to the dosimetry parameter descriptions below:
Event Select
Press the EVENT button to enter the EVENT mode. Each time the EVENT button is
pressed the LCD increments the Event bank (E1 through E5). Each bank is a memory
location. The user can store (or write over) the data in any of these locations. Each bank
location (E1, for example) is displayed on the LCD along with the stored data. If data is
present in a bank, the bank ID blinks. To erase data in a bank, press and hold the RESET
button until the display ID stops blinking.
% DOSE
The unit of measure, % DOSE, is used to quantify noise exposure measured during a
work shift. 100% dose is the maximum allowable noise exposure in accordance with
OSHA, MSHA, DOD, ACGIH, and ISO standards. Most standards specify Criterion
Level, Exchange Rate, Response Time, and Frequency weighting for the dosimeter as
discussed next.
CRITERION LEVEL (Lc)
To take an on-site noise exposure survey in accordance with standards such as OSHA
and MSHA, the dosimeter’s Criterion Level must first be set. The 100% DOSE
parameter discussed above is determined by the following equation: 100% DOSE =
Criterion Level for 8 hours. Each country has a unique Criterion Level (most countries,
including the U.S., use 90dB). The Criterion level is selectable (80, 84, 85, or 90dB).
Select the appropriate level per the Programming section of this manual.
EXCHANGE RATE (ER)
Exchange rate is best illustrated by example; refer to the following example: Since
100% DOSE = Criterion Level for 8 hours, a person would receive 50% DOSE in 4
hours if the noise level equals the Criterion Level setting. Now consider a Criterion
Level of 90dB, a noise measurement of 95dB (5dBA higher than the Criterion Level),
and an Exchange Rate of 5dB; in this example a 100% DOSE would be received in
only 4 hours. This is because with a 5dB Exchange Rate, a 5dB increase in sound level
is considered a doubling of the DOSE. Other Exchange Rates can be selected (3, 4, 5,
or 6dB). Refer to the local regulations or standards.
FAST (F) SLOW (S) RESPONSE TIME
Set the response time to Fast (F) to capture quick bursts of sound such as discharging
firearms, fireworks, hammering, and other impulse noises. Use the Slow (S) setting if
the noise under test is more of a continuous drone or background din. The Slow setting
is typically specified by OSHA and MSHA standards for use in noise surveys. Refer to
the Programming section of this manual to set the response time.
THRESHOLD LEVEL (Lt)
The threshold level is the sound level at which the 407354 begins to integrate noise into
the exposure test. For example, if the threshold level (Lt) is set to 85dB, the meter will
integrate all noise that equals or exceeds 85 dB. Sound levels below this threshold
would not be included in the dose calculation. See the Programming section to change
the level. The Threshold Level can be set from 70 to 90dB in 1 dB steps.


Similar Part No. - 407355

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407355-KIT-5 EXTECH-407355-KIT-5 Datasheet
233Kb / 1P
   Personal Noise Dosimeter
More results

Similar Description - 407355

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SL355 EXTECH-SL355 Datasheet
460Kb / 1P
   Personal Noise Dosimeter
407355-KIT-5 EXTECH-407355-KIT-5 Datasheet
233Kb / 1P
   Personal Noise Dosimeter
401036 EXTECH-401036 Datasheet
129Kb / 6P
   Datalogging Light Meter with PC Interface
EX540 EXTECH-EX540 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
MM560 EXTECH-MM560 Datasheet
618Kb / 21P
   MultiMaster Digital MultiMeter Series With PC Interface
407026 EXTECH-407026_15 Datasheet
462Kb / 1P
   Heavy Duty Light Meter with PC Interface
MP510 EXTECH-MP510 Datasheet
628Kb / 16P
   MultiPro Digital MultiMeter Series With PC Interface
logo
Advanced Linear Devices
MB1S ALD-MB1S Datasheet
75Kb / 3P
   Single Board Precision DVM with direct PC Interface
logo
List of Unclassifed Man...
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com