Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407355 Datasheet(PDF) 8 Page - Extech Instruments Corporation.

Part # 407355
Description  Noise Dosimeter with PC Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

407355 Datasheet(HTML) 8 Page - Extech Instruments Corporation.

Back Button 407355 Datasheet HTML 4Page - Extech Instruments Corporation. 407355 Datasheet HTML 5Page - Extech Instruments Corporation. 407355 Datasheet HTML 6Page - Extech Instruments Corporation. 407355 Datasheet HTML 7Page - Extech Instruments Corporation. 407355 Datasheet HTML 8Page - Extech Instruments Corporation. 407355 Datasheet HTML 9Page - Extech Instruments Corporation. 407355 Datasheet HTML 10Page - Extech Instruments Corporation. 407355 Datasheet HTML 11Page - Extech Instruments Corporation. 407355 Datasheet HTML 12Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
407355 Version 2.4 9/07
8
Calibration Procedure
Note that an acoustical calibrator (such as the Extech 407744 or 407766) is required to
calibrate the 407355. Extech Instruments can also calibrate the instrument and provide an
N.I.S.T. certificate if desired.
1. Set the instrument to the Sound Level Measurement Mode (dBA) using the MODE
button.
2. Set the response time to SLOW (see the Programming section)
3. Insert the 407355 microphone into the microphone cavity of the calibrator.
4. Turn the calibrator ON and adjust the CAL screw on the 407355 so that the LCD
display matches the calibrator output signal (94dB typically).
5. Calibration should be performed before each use.
PC Interface
Connecting the meter to the PC via the supplied interface cable
Connect the 5-pin end of the supplied interface cable to the DOSE Meter. Connect the 9-
pin connector end of the cable to the PC COM Port. Cable and adaptor wiring are detailed
later in this manual for reference.
Installing the supplied DOSE Windows
TM Software
1. Insert the supplied software CD in the PC CD-ROM drive.
2. Follow the on-screen instructions for installation of the DOSE software program.
3. Open the DOSE program from the location where it is installed on the PC.


Similar Part No. - 407355

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
407355-KIT-5 EXTECH-407355-KIT-5 Datasheet
233Kb / 1P
   Personal Noise Dosimeter
More results

Similar Description - 407355

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SL355 EXTECH-SL355 Datasheet
460Kb / 1P
   Personal Noise Dosimeter
407355-KIT-5 EXTECH-407355-KIT-5 Datasheet
233Kb / 1P
   Personal Noise Dosimeter
401036 EXTECH-401036 Datasheet
129Kb / 6P
   Datalogging Light Meter with PC Interface
EX540 EXTECH-EX540 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
EX542 EXTECH-EX542 Datasheet
412Kb / 1P
   MultiMeter/Datalogger with Wireless PC Interface
MM560 EXTECH-MM560 Datasheet
618Kb / 21P
   MultiMaster Digital MultiMeter Series With PC Interface
407026 EXTECH-407026_15 Datasheet
462Kb / 1P
   Heavy Duty Light Meter with PC Interface
MP510 EXTECH-MP510 Datasheet
628Kb / 16P
   MultiPro Digital MultiMeter Series With PC Interface
logo
Advanced Linear Devices
MB1S ALD-MB1S Datasheet
75Kb / 3P
   Single Board Precision DVM with direct PC Interface
logo
List of Unclassifed Man...
PS20230 ETC2-PS20230 Datasheet
1Mb / 26P
   COFDM demodulator with USB interface for PC-TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com